Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1075 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM1075
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1075 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM1075 Datasheet HTML 11Page - STMicroelectronics UM1075 Datasheet HTML 12Page - STMicroelectronics UM1075 Datasheet HTML 13Page - STMicroelectronics UM1075 Datasheet HTML 14Page - STMicroelectronics UM1075 Datasheet HTML 15Page - STMicroelectronics UM1075 Datasheet HTML 16Page - STMicroelectronics UM1075 Datasheet HTML 17Page - STMicroelectronics UM1075 Datasheet HTML 18Page - STMicroelectronics UM1075 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
UM1075
18/19
UM1075 Rev 8
7
Revision history
Table 6. Document revision history
Date
Revision
Changes
22-Apr-2011
1
Initial release.
03-Jun-2011
2
Table 2: SWIM flat ribbon connections for ST-LINK/V2: added
footnote 1 to the function “Target VCC”.
Table 4: JTAG/SWD cable connections: added footnote to the
function “Target VCC”.
Table 5: How third-party toolchains support ST-LINK/V2: updated the
“Versions” of IAR and Keil.
19-Aug-2011
3
Added USB driver details to Section 5.3.
11-May-2012
4
Added SWD and SWV to JTAG connection features. Modified
Table 4: JTAG/SWD cable connections.
13-Sep-2012
5
Added ST-LINK/V2-ISOL order code.
Updated Section 4.1: STM8 application development on page 15.
Added Note 6 in Table 4.
Added Note “For low cost applications...” before Section 3.3: ST-
LINK/V2 status LEDs on page 14.
18-Oct-2012
6
Added Section 5.1: ST-LINK/V2 firmware upgrade on page 15.
25-Mar-2016
7
Updated VRMS value in Introduction and in Features.
18-Oct-2018
8
Updated Table 4: JTAG/SWD cable connections and its footnotes.
Minor text edits across the whole document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com