Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-LINK/V2-ISOL Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST-LINK/V2-ISOL
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK/V2-ISOL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST-LINK/V2-ISOL Datasheet HTML 5Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 6Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 7Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 8Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 9Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 10Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 11Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 12Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
UM1075 Rev 8
9/19
UM1075
Hardware configuration
18
4.1
Connection with STM8
For development of applications based on STM8 microcontrollers, the ST-LINK/V2 can be
connected to the target board by two different cables, depending on the connector available
on the application board.
These cables are:
•
SWIM flat ribbon with a standard ERNI connector at one end
•
SWIM cable with two 4-pin, 2.54 mm connector or SWIM separate-wires cable
4.1.1
Standard ERNI connection with SWIM flat ribbon
Figure 5 shows how to connect the ST-LINK/V2 if a standard ERNI 4-pin SWIM connector is
present on the application board.
Figure 5. ERNI connection
1. A = Target application board with ERNI connector
2. B = Wire cable with ERNI connector at one end
3. C = STM8 SWIM target connector
4. See Figure 11
Figure 6 shows that pin 16 is missing on the ST-LINK/V2-ISOL target connector. This
missing pin is used as a safety key on the cable connector, to guarantee connection of the
SWIM cable in the correct position on the target connector even pins, used for both SWIM
and JTAG cables.
A
B
C
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com