Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2502 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM2502
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2502 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM2502 Datasheet HTML 12Page - STMicroelectronics UM2502 Datasheet HTML 13Page - STMicroelectronics UM2502 Datasheet HTML 14Page - STMicroelectronics UM2502 Datasheet HTML 15Page - STMicroelectronics UM2502 Datasheet HTML 16Page - STMicroelectronics UM2502 Datasheet HTML 17Page - STMicroelectronics UM2502 Datasheet HTML 18Page - STMicroelectronics UM2502 Datasheet HTML 19Page - STMicroelectronics UM2502 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
STLINK-V3MODS and STLINK-V3MINI functional description
UM2502
16/27
UM2502 Rev 1
Bridge GPIOs
Four GPIO signals are available on CN2 pins 18 and 21. Basic management is provided by
the public ST bridge software interface.
8.4.5
LEDs
PWR LED: red light indicates that 5 V is enabled.
COM LED: refer to the Overview of ST-LINK derivatives technical note (TN1235) for details.
FAULT LED: Indicates USB overcurrent request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com