Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLINK-V3MINI Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLINK-V3MINI
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLINK-V3MINI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLINK-V3MINI Datasheet HTML 15Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 16Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 17Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 18Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 19Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 20Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 21Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 22Page - STMicroelectronics STLINK-V3MINI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
UM2502 Rev 1
19/27
UM2502
Board connectors
26
9.1.3
STDC14 for STLINK-V3MINI (STM32 JTAG/SWD and VCP)
The STDC14 CN5 connector allows the connection to a STM32 target by means of the
JTAG or SWD protocol, respecting (from pin 3 to pin 12) the ARM10 pinout (Arm Cortex
Debug connector). But it also advantageously provides two UART signals for the Virtual
COM port. The related pinout for the STDC14 connector is listed inTable 6.
2. Connect to GND on target, may be used by STLINK-V3MODS for detection of connection.
3. SWO is optional, required only for Serial Wire Viewer (SWV) trace.
4. TX signals are outputs for STLINK-V3MODS, inputs for target.
5. Do not connect on target.
6. NC means not required for SWD connection.
7. Input for STLINK-V3MODS.
Table 6. STDC14 connector pinout CN5
STDC14 Pin #
ARM10 Pin
#
Pin description
Type
1-
Reserved(1)
1. Do not connect on target.
-
2-
Reserved(1)
-
31
T_VCC(2)
2. Input for STLINK-V3MINI.
I
4
2
T_JTMS/T_SWDIO
O
53
GND
S
6
4
T_JCLK/T_SWCLK
O
75
GND
S
86
T_JTDO/T_SWO(3)
3. SWO is optional, required only for Serial Wire Viewer (SWV) trace.
I
9
7
T_JCLK
O
10
8
T_JTDI/NC(4)
4. NC means not required for SWD connection.
O
11
9
GNDDetect(5)
5. Connect to GND on target, may be used by STLINK-V3MINI for detection of connection.
I
12
10
T_NRST
O
13
-
T_VCP_RX
O
14
-
T_VCP_TX
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com