Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05030WAST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05030WAST
Description  30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05030WAST Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH05030WAST Datasheet HTML 4Page - Texas Instruments PTH05030WAST Datasheet HTML 5Page - Texas Instruments PTH05030WAST Datasheet HTML 6Page - Texas Instruments PTH05030WAST Datasheet HTML 7Page - Texas Instruments PTH05030WAST Datasheet HTML 8Page - Texas Instruments PTH05030WAST Datasheet HTML 9Page - Texas Instruments PTH05030WAST Datasheet HTML 10Page - Texas Instruments PTH05030WAST Datasheet HTML 11Page - Texas Instruments PTH05030WAST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
PTH Series of Wide-Output Adjust
Power Modules (3.3/5-V Input)
Features of the PTH Family of Non-Isolated
Wide Output Adjust Power Modules
Point-of-Load Alliance
The PTH family of non-isolated, wide-output adjust
power modules from Texas Instruments are optimized
for applications that require a flexible, high performance
module that is small in size. These products are part of
the “Point-of-Load Alliance” (POLA), which ensures
compatible footprint, interoperability and true second
sourcing for customer design flexibility. The POLA is a
collaboration between Texas Instruments, Artesyn Tech-
nologies, and Astec Power to offer customers advanced
non-isolated modules that provide the same functionality
and form factor. Product series covered by the alliance
includes the PTHxx050W (6 A), PTHxx060W (10 A),
PTHxx010W (15/12 A), PTHxx020W (22/18 A), and
the PTHxx030W (30/26 A).
From the basic, “Just Plug it In” functionality of the 6-A
modules, to the 30-A rated feature-rich PTHxx030W,
these products were designed to be very flexible, yet simple
to use. The features vary with each product. Table 3-1
provides a quick reference to the available features by
product and input bus voltage.
Table 3-1; Operating Features by Series and Input Bus Voltage
For simple point-of-use applications, the PTHxx050W
provides operating features such as an on/off inhibit,
output voltage trim, pre-bias startup (3.3/5-V input only),
and over-current protection. The PTHxx060W (10 A),
and PTHxx010W (15/12 A) include an output voltage
sense, and margin up/down controls. Then the higher
output current, PTHxx020W and PTHxx030W products
incorporate over-temperature shutdown protection. All
of the products referenced in Table 3-1 include Auto-
Track™. This is a feature unique to the PTH family,
and was specifically designed to simplify the task of se-
quencing the supply voltage in a power system. These
and other features are described in the following sections.
Soft-Start Power Up
The Auto-Track feature allows the power-up of multiple
PTH modules to be directly controlled from the Track
pin. However in a stand-alone configuration, or when
the Auto-Track feature is not being used, the Track pin
should be directly connected to the input voltage, Vin
(see Figure 3-1).
Figure 3–1
5 V
C
IN
1,000 µF
C
OUT
330 µF
GND
GND
3.3 V
R
SET, 698 Ω
0.1 W, 1 %
PTH05020W
7
10
4
5
6
2
3
98
Track
V
IN
V
O
GND
Inhibit
1
Up
Dn
Sense
Adjust
When the Track pin is connected to the input voltage the
Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control
of its internal soft-start circuitry. When power up is under
soft-start control, the output voltage rises to the set-point
at a quicker and more linear rate.
Figure 3–2
Vin (1 V/Div)
Vout (1 V/Div)
Iin (5 A/Div)
HORIZ SCALE: 5 ms/Div
Series
Input Bus
I OUT
3.3 V / 5 V
6 A
••••
•
12 V
6 A
•••
•
3.3 V / 5 V
10 A
••••
•••
12 V
8 A
•••
•••
3.3 V / 5 V
15 A
••••
•••
12 V
12 A
•••
•••
3.3 V / 5 V
22 A
••••
••••
12 V
18 A
•••
••••
3.3 V / 5 V
30 A
••••
••••
12 V
26 A
••••
••••
PTHxx030
PTHxx010
PTHxx020
PTHxx060
PTHxx050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com