Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2531A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3P2531A
Description  Low Frequency EMI Reduction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2531A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3P2531A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2531A Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
November 2003
ASM3P2531A
rev 1.0
Low Frequency EMI Reduction
4 of 8
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
° C
TA
Operating temperature
0 to +70
° C
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
-35
µA
IIH
Input high current
35
µA
VDD = 3.3 V, IOL = 20 mA
0.4
V
VOL
Output low voltage
VDD = 5.0 V, IOL = 20 mA
V
VDD = 3.3 V, IOL = 20 mA
2.5
V
VOH
Output high voltage
VDD = 5.0 V, IOL = 20 mA
4.5
V
IDD
Static supply current standby mode
0.6
mA
Normal mode
fIN-min
fIN-typ
fIN-max
3.3 V and 10 pF loading
3.2
7.0
mA
ICC
Dynamic supply current
5.0 V and 10 pF loading
6.2
13.6
mA
VDD
Operating voltage
2.7
3.3
5.5
V
tON
Power-up time (first locked cycle after power up)
0.18
mS
ZOUT
Clock output impedance
50
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
35
55
MHz
fOUT
Output frequency
35
55
MHz
Measured at 0.8 V to 2.0 V
0.7
0.9
1.1
ns
tLH
1
Output rise time
Measured at 1.2 V to 3.75 V
0.75
ns
Measured at 2.0 V to 0.8 V
0.6
0.8
1.0
ns
tHL
1
Output fall time
Measured at 1.2 V to 3.75 V
0.75
ns
tJC
Jitter (cycle to cycle)
360
ps
TD
Output duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com