Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 123Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 124Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 125Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 126Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 127Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 128Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 129Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 130Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 229 page
background image
DS11853 Rev 6
127/229
STM32F722xx STM32F723xx
Electrical characteristics
201
Table 35. Peripheral current consumption
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3
AHB1
(up to
216 MHz)
GPIOA
3.6
3.4
2.9
µA/MHz
GPIOB
3.7
3.6
3.1
GPIOC
3.7
3.4
3.0
GPIOD
3.7
3.6
3.0
GPIOE
3.6
3.4
2.9
GPIOF
3.5
3.4
2.9
GPIOG
3.5
3.3
2.8
GPIOH
3.5
3.4
2.9
GPIOI
3.5
3.3
2.9
CRC
1.2
1.1
0.9
BKPSRAM
0.8
0.7
0.6
DMA1
3.07 x N + 8.7
2.98 x N + 8.4
2.52 x N + 7.02
DMA2
3.01 x N + 7.98
2.95 x N + 7.95
2.48 x N + 6.69
OTG_HS+ULPI
54.4
53.2
44.6
AHB2
(up to
216 MHz)
RNG
1.9
1.8
1.6
µA/MHz
USB_OTG_FS
28.7
27.9
23.5
AHB3
(up to
216 MHz)
FMC
16.2
15.8
13.3
µA/MHz
QSPI
16.9
16.3
13.8
Bus matrix(2)
15.8
12.8
8.5
µA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com