Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F722VCY7TR Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 125Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 126Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 127Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 128Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 129Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 130Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 131Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 132Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 229 page
background image
DS11853 Rev 6
129/229
STM32F722xx STM32F723xx
Electrical characteristics
201
APB2
(up to
108 MHz)
TIM1
24.9
23.8
20
µA/MHz
TIM8
24.5
23.7
20
USART1
12.4
11.6
10
USART6
12.3
11.7
10
ADC1(5)
6.3
5.8
4.9
ADC2(5)
6.3
5.6
4.9
ADC3(5)
6.4
5.8
5
SDMMC1
9.1
8.3
7.1
SDMMC2
7
7.2
6
SPI1/I2S1(3)
3.2
3.2
2.6
SPI4
2.9
2.9
2.2
SYSCFG
1
1
0.7
TIM9
9.9
9.1
7.8
TIM10
7
6.4
5.6
TIM11
7.2
6.8
5.7
SPI5
4.8
4.1
3.6
SAI1
5.6
4.9
4.2
SAI2
5.4
4.7
4
USB PHY HS
Controller
8.3
7.9
6.7
1. When the I/O compensation cell is ON, IDD typical value increases by 0.22 mA.
2. The BusMatrix is automatically active when at least one master is ON.
3. To enable an I2S peripheral, first set the I2SMOD bit and then the I2SE bit in the SPI_I2SCFGR register.
4. When the DAC is ON and EN1/2 bits are set in DAC_CR register, add an additional power consumption of
0.75 mA per DAC channel for the analog part.
5. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of
1.73 mA per ADC for the analog part.
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com