Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM4SSTVF16857 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM4SSTVF16857
Description  DDR 14-Bit Registered Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM4SSTVF16857 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM4SSTVF16857 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM4SSTVF16857 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
August 2004
ASM4SSTVF16857
rev 2.0
DDR 14-Bit Registered Buffer
4 of 16
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Storage Temperature
-65
+150
°C
Supply Voltage
-0.5
3.6
V
Input Voltage
1
-0.5
VDD + 0.5
V
Output Voltage
1,2
-0.5
VDD + 0.5
V
Input Clamp Current
± 50
mA
Output Clamp Current
±50
mA
Continuous Output Current
±50
mA
VDD, VDDQ or GND current/pin
100
mA
Package Thermal Impedance
3
55
°C/W
Note:
1. The input and output negative voltage ratings may be excluded if the input and output clamp ratings are observed.
2. This current will flow only when the output is in the high state level V0 > VDDQ.
3. The package thermal impedance is calculated in accordance with JESD 51.
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged
periods can affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com