Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-3M35-R Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-3M35-R
Description  T-1 (3mm) SOLID STATE LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-3M35-R Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-3M35-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-3M35-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-3M35-R Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV NO: V.2
DATE: MAR/05/2003
PAGE: 1 OF 3
Features
!
LOW POWER CONSUMPTION.
!
SOLID STATE BLUE LIGHT SOURCE
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
T-1 (3mm) SOLID STATE LAMP
Description
The Hyper Red source color devices are made with
DH InGaAlP on GaAs substrate Light Emitting Diode.
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
GHB-3M35-R


Similar Part No. - GHB-3M35-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-3M35-R2 GILWAY-GHB-3M35-R2 Datasheet
123Kb / 3P
T-1 (3mm) SOLID STATE LAMP
GHB-3M35-RO GILWAY-GHB-3M35-RO Datasheet
124Kb / 3P
T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - GHB-3M35-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104NC KINGBRIGHT-WP7104NC Datasheet
413Kb / 6P
T-1 (3mm) SOLID STATE LAMP
L-934SF4C KINGBRIGHT-L-934SF4C Datasheet
59Kb / 3P
T-1 (3mm) SOLID STATE LAMP
WP3A8ID KINGBRIGHT-WP3A8ID Datasheet
264Kb / 6P
T-1 (3mm) SOLID STATE LAMP
WP34AD KINGBRIGHT-WP34AD Datasheet
104Kb / 4P
T-1 (3mm) SOLID STATE LAMP
WP34HD KINGBRIGHT-WP34HD Datasheet
101Kb / 4P
T-1 (3mm) SOLID STATE LAMP
WP132XGT KINGBRIGHT-WP132XGT Datasheet
262Kb / 6P
T-1 (3mm) SOLID STATE LAMP
WP132XND KINGBRIGHT-WP132XND Datasheet
412Kb / 6P
T-1 (3mm) SOLID STATE LAMP
logo
SunLED Corporation
LMR11DF SUNLED-LMR11DF Datasheet
188Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LMY11D SUNLED-LMY11D Datasheet
184Kb / 4P
T-1 (3mm) SOLID STATE LAMP
LUG11D SUNLED-LUG11D Datasheet
189Kb / 4P
T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com