Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-ST Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-ST
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-ST Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button ASM3I623S00AG-08-ST Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 10Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-ST Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Zero Cycle Slip Peak EMI Reduction IC
7 of 16
Notice: The information in this document is subject to change without notice.
Test Circuits
-Nd
One clock cycle
N=1
+Nd
Input
Modulated
Output
Nd represents the differential cycle slip
when spread spectrum is ON
Nd = ± 0.125 in the example
Differential cycle slip
VDD
VDD
GND
GND
CLKOUT
CLOAD
OUTPUTS
TEST CIRCUIT # 1
0.1uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com