Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-3M50-R Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # GHB-3M50-R
Description  T-1 (3mm) SOLID STATE LAMPl
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-3M50-R Datasheet(HTML) 2 Page - Gilway Technical Lamp

  GHB-3M50-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-3M50-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-3M50-R Datasheet HTML 3Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
REV NO: V.2
DATE: MAR/05/2003
PAGE: 2 OF 3
Selection Guide
Note:
1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25 C
Absolute Maximum Ratings at TA=25 C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
ymbol
Sl
SSyyy m
m
mbbboooll
Sl
ymbo
Sr
aramete
Pr
PPaaarrraaam
m
meeettteeerr
Pr
aramete
Pe
evic
De
D
Deeevvviiicccee
De
evic
D.
yp
T.
TTyyyppp..
T.
yp
T.
ax
M.
M
Maaaxxx ..
M.
ax
Ms
nit
Us
U
Unnniiitttss
Us
nit
Us
est Cond ition
Ts
TTeeesss ttt C
C
Cooonnndddiiitttiiiooonnnss
Ts
Test Cond ition
peak
eak Wavelength
m
nI F =20mA
D
ominate Wavelength
m
nI F =20mA
1/2
pectral Line Half-width
m
nI F =20mA
Ce
apacitanc
F
pV F =0V;f=1MHz
V F
orward Voltage
VI F =20mA
I R
everse Current
A
uVR =5V
arameter
Pr
PPaaarrraaam
m
meeettteeerr
Pr
nit
Us
U
Unnniiitttss
Us
5V
Operating/Storage Temperature
-40 C To +85 C
Lead Solder Temperature [2]
260 C For 5 Seconds
art No.
P.
PPaaarrrttt N
N
Nooo..
P.
art No
Pe
ic
De
D
Diiic
c
ce
e
De
ic
De
ens Typ
Le
LLeeennnsss TTTyyy pppee
Le
v(mcd)
Lens Typ
I)
IIvvv (((m
m
mcccddd))
I)
Iv (mcd
iewing
@20mA
Vg
VViiieeew
w
wiiinnngg
Vg
Viewin
Angle
in.
M.
M
Miiin
n
n..
M.
in
M.
yp
T.
TTyyyppp..
T.
Typ
R
ATER CLE A
W
GHB-3M50-R
P
D
S
C
F
R
45
2.5
10
Power dissipation
DC Forward Current
Peak Forward Current [1]
Reverse Voltage
mW
30
mA
mA
HYPER RED (InGaAIP)
900
1300
50
Hyper Red
Hyper Red
Hyper Red
Hyper Red
Hyper Red
Hyper Red
1.9
640
630
25
Hyper Red
150
200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com