Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I623S00AG-08-SR Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM3I623S00AG-08-SR
Description  Zero Cycle Slip Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3I623S00AG-08-SR Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM3I623S00AG-08-SR Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3I623S00AG-08-SR Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
July 2005
ASM3P623S00A/B/C/D/E/F
rev 1.0
Zero Cycle Slip Peak EMI Reduction IC
4 of 16
Notice: The information in this document is subject to change without notice.
Differential Cycle Slips and Spread Spectrum Control Table
(Note: The values given in the table are for an input frequency of 32 MHz)
Device
SS%
Deviation
Differential Cycle Slips
(Nd)
0
±0.5 %
0.125
ASM3P623S00A
1
±1 %
0.25
0
±0.25 %
0.125
ASM3P623S00B
1
±0.5 %
0.25
0
±0.125 %
0.125
ASM3P623S00C
1
±0.25 %
0.25
0
±0.5 %
0.125
ASM3P623S00D
1
±1 %
0.25
0
±0.25 %
0.125
ASM3P623S00E
1
±0.5 %
0.25
0
±0.125 %
0.125
ASM3P623S00F
1
±0.25 %
0.25
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
+7.0
V
DC Input Voltage (Except CLKIN)
-0.5
VDD + 0.5
V
DC Input Voltage (CLKIN)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com