Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA634 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA634
Description  2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA634 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA634 Datasheet HTML 1Page - ON Semiconductor FSA634 Datasheet HTML 2Page - ON Semiconductor FSA634 Datasheet HTML 3Page - ON Semiconductor FSA634 Datasheet HTML 4Page - ON Semiconductor FSA634 Datasheet HTML 5Page - ON Semiconductor FSA634 Datasheet HTML 6Page - ON Semiconductor FSA634 Datasheet HTML 7Page - ON Semiconductor FSA634 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FSA634
www.onsemi.com
4
Figure 4. Suggested Configuration for 4 Lane D−PHY
TRUTH TABLE
SEL
/OE
Function
LOW
LOW
Dn = DnA
HIGH
LOW
Dn = DnB
X
HIGH
All Ports High Impedance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
−0.5
5.25
V
VCNTRL
DC Input Voltage (/OE, SEL)
(Note 1)
−0.5
VCC
V
VSW
DC Switch I/O Voltage
(Note 1,2)
−0.3
VCC
V
IIK
DC Input Diode Current
−50
mA
IOUT
DC Output Current
50
mA
TSTG
Storage Temperature
−65
+150
°C
ESD
Human Body Model, JEDEC: JESD22−A114
All Pins
3.5
kV
Charged Device Model, JEDEC: JESD22−C101
1.5
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2. VSW refers to analog data switch paths.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com