Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL4615 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL4615
Description  LEADLESS PACKAGE FOR SURFACE MOUNT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4615 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL4615 Datasheet HTML 1Page - Microsemi Corporation CDLL4615 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
123
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100
°C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
• 1N4614UR-1 THRU 1N4627UR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND
JANS
PER MIL-PRF-19500/435
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW CURRENT OPERATION AT 250
µA
• METALLURGICALLY BONDED
MAXIMUM RATINGS
Operating Temperatures: -65°C to +175°C
DC Power Dissipation: 500mW @ TEC = +125°C
Power Derating: 10 mW / °C above TEC = +125°C
Forward Voltage @ 200 mA: 1.1 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
CDI
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE CURRENT
DC ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
V
Z
@ I
ZT
I
ZT
Z
ZT
@ I
ZT
1
R
@ V
R
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
mA
CDLL4614
1.8
250
1200
7.5
1
120
CDLL4615
2.0
250
1250
5.0
1
110
CDLL4616
2.2
250
1300
4.0
1
100
CDLL4617
2.4
250
1400
2.0
1
95
CDLL4618
2.7
250
1500
1.0
1
90
CDLL4619
3.0
250
1600
0.8
1
87
CDLL4620
3.3
250
1650
7.5
1.5
85
CDLL4621
3.6
250
1700
7.5
2
83
CDLL4622
3.9
250
1650
5.0
2
80
CDLL4623
4.3
250
1600
4.0
2
77
CDLL4624
4.7
250
1550
10.0
3
75
CDLL4625
5.1
250
1500
10.0
3
70
CDLL4626
5.6
250
1400
10.0
4
65
CDLL4627
6.2
250
1200
10.0
5
61
1N4614UR-1
thru
1N4627UR-1
and
CDLL4614 thru CDLL4627
NOTE 1
The CDI type numbers shown above have a Zener voltage tolerance of +5.0%.
Nominal Zener voltage is measured with the device junction in thermal
equilibrium at an ambient temperature of 25°C + 3°C. "C" suffix denotes a + 2%
tolerance and "D" suffix denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to
10% of IZT.


Similar Part No. - CDLL4615

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4615 CDI-DIODE-CDLL4615 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL4615-1 MICROSEMI-CDLL4615-1 Datasheet
467Kb / 6P
500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results

Similar Description - CDLL4615

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL3821 CDI-DIODE-CDLL3821 Datasheet
22Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4099 CDI-DIODE-CDLL4099 Datasheet
96Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4614 CDI-DIODE-CDLL4614 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL746 CDI-DIODE-CDLL746 Datasheet
25Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
Leadless Surface Mount
logo
Microsemi Corporation
1N5711UB MICROSEMI-1N5711UB Datasheet
55Kb / 2P
SCHOTTKY BARRIER DIODES LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
Microsemi Corporation
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com