Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSL10SIP Datasheet(PDF) 2 Page - ON Semiconductor

Part # RSL10SIP
Description  Bluetooth 5 System-in-Package (SiP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RSL10SIP Datasheet(HTML) 2 Page - ON Semiconductor

  RSL10SIP Datasheet HTML 1Page - ON Semiconductor RSL10SIP Datasheet HTML 2Page - ON Semiconductor RSL10SIP Datasheet HTML 3Page - ON Semiconductor RSL10SIP Datasheet HTML 4Page - ON Semiconductor RSL10SIP Datasheet HTML 5Page - ON Semiconductor RSL10SIP Datasheet HTML 6Page - ON Semiconductor RSL10SIP Datasheet HTML 7Page - ON Semiconductor RSL10SIP Datasheet HTML 8Page - ON Semiconductor RSL10SIP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
RSL10 SIP
www.onsemi.com
2
FEATURES
• Arm Cortex−M3 Processor: A 32−bit core for
real−time applications, specifically developed to enable
high−performance low−cost platforms for a broad range
of low−power applications.
• LPDSP32: A 32−bit Dual Harvard DSP core that
efficiently supports intensive signal processing
applications. Various codecs are available to customers
through libraries that are included in RSL10’s
development tools.
• Radio Frequency Front−End: Based on a 2.4 GHz RF
transceiver, the RFFE implements the physical layer of
the Bluetooth low energy technology standard and other
proprietary or custom protocols.
• Protocol Baseband Hardware: Bluetooth 5 certified
and includes support for a 2 Mbps RF link and custom
protocol options. The RSL10 baseband stack is
supplemented by support structures that enable
implementation of ON Semiconductor and customer
designed custom protocols.
• Highly−Integrated SoC: The dual−core architecture is
complemented by high−efficiency power management
units, oscillators, flash and RAM memories, a DMA
controller, along with a full complement of peripherals
and interfaces.
• Deep Sleep Mode: RSL10 can be put into a Deep
Sleep Mode when no operations are required. Various
Deep Sleep Mode configurations are available,
including:
♦ “IO wake−up” configuration. The power
consumption in deep sleep mode is 50 nA (1.25 V
VBAT).
♦ Embedded 32 kHz oscillator running with interrupts
from timer or external pin. The total current drain is
90 nA (1.25 V VBAT).
♦ As above with 8 kB RAM data retention. The total
current drain is 300 nA (1.25 V VBAT).
♦ The DC−DC converter can be used in buck mode or
LDO mode during Sleep Mode, depending on VBAT
voltage.
• Standby Mode: Can be used to reduce the average
power consumption for off−duty cycle operation,
ranging typically from a few ms to a few hundreds of
ms. The typical chip power consumption is 30
mA in
Standby Mode.
• Multi−Protocol Support: Using the flexibility
provided by LPDSP32, the Arm Cortex−M3 processor,
and the RF front−end; proprietary protocols and other
custom protocols are supported.
• Flexible Supply Voltage: RSL10 integrates high−
efficiency power regulators and has a VBAT range of
1.1 to 3.3 V.
• Highly Configurable Interfaces: , UART, two SPI
interfaces, PCM interface, multiple GPIOs. It also
supports a digital microphone interface (DMIC) and an
output driver (OD).
• Flexible Clocking Scheme: RSL10 must be clocked
from the XTAL/PLL of the radio front−end at 48 MHz
when transmitting or receiving RF traffic. When RSL10
is not transmitting/receiving RF traffic, it can run off
the 48 MHz XTAL, the internal RC oscillators, the
32 kHz oscillator, or an external clock. A low
frequency RTC clock at 32 kHz can also be used in
Deep Sleep Mode. It can be sourced from either the
internal XTAL, the RC oscillator, or a digital input pad.
• Diverse Memory Architecture: 76 kB of SRAM
program memory (4 kB of which is PROM containing
the chip boot−up program, and is thus unavailable to
the user) and 88 kB of SRAM data memory are
available. A total of 384 kB of flash is available to store
the Bluetooth stack and other applications.
The Arm Cortex−M3 processor can execute from
SRAM and/or flash.
• Security: AES128 encryption hardware block for
custom secure algorithms and code protection with
authenticated debug port access (JTAG ‘lock’)
• Ultra−Low Power Consumption Application
Examples:
♦ Low Duty Cycle Advertising: IDD 1.1
mA for
advertising at all three channels at 5 second intervals
@ VBAT 3 V, DCDC converter enabled.
• RoHS Compliant Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com