Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST1440MATRQ Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # AST1440MATRQ
Description  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

AST1440MATRQ Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  AST1440MATRQ Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
AST1440MATRQ
Sales Outline Drawing
Revision
H
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
NO CIRCUITRY
Oscillation Frequency (Hz)
4000 ± 500
Operating Voltage (Vp-p)
20
Rated Voltage (Vp-p)
5.0
Current Consumption Max. (mA)
5 at Rated Voltage
Sound Pressure Level (dB/min)
75 at 10cm at Rated Voltage
Capacitance (pF)
12,000 ± 30% at 120 Hz
Operating Temperature (°C)
-20 ~ +70
Storage Temperature (°C)
-30 ~ +80
Type of Connection Terminal
SMD
Housing
PPS plastic resin (Color : Black)
Weight (Grams)
1.2
Condition by reflow soldering (°C)
250 ± 5 / within 5 sec
Condition by hand soldering (°C)
350 ± 20 / within 5 sec
Options
For other options contact factory
Dimensions: (units: mm)
PS: Vp-p=1/2duty, square wave
RoHS Compliant
Packaging:
Parts are supplied on reels (600 pcs per tape and reel).
Units come with wash label and are appropriate for aqueous wash.


Similar Part No. - AST1440MATRQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
AST1440MAQ MSPI-AST1440MAQ Datasheet
138Kb / 1P
Sales Outline Drawing
More results

Similar Description - AST1440MATRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com