Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-0603-R Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-0603-R
Description  1.6x0.8mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-0603-R Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-0603-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-0603-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-0603-R Datasheet HTML 3Page - Gilway Technical Lamp GHB-0603-R Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV NO: V.2
DATE:DEC/05/2002
PAGE: 1 OF4
1.6x0.8mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
!
1.6mmx0.8mm SMT LED, 1.1mm THICKNESS.
!
LOW POWER CONSUMPTION.
!
WIDE VIEWING ANGLE.
!
IDEAL FOR BACKLIGHT AND INDICATOR.
!
VARIOUS COLORSAND LENS TYPES AVAILABLE.
!
PACKAGE : 2000PCS / REEL.
Package Dimensions
Description
The Hyper Red source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting
Diode.
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
GHB-0603-R


Similar Part No. - GHB-0603-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0603-DR GILWAY-GHB-0603-DR Datasheet
139Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
GHB-0603-O GILWAY-GHB-0603-O Datasheet
130Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
GHB-0603-Y GILWAY-GHB-0603-Y Datasheet
141Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
GHB-0603-YG GILWAY-GHB-0603-YG Datasheet
138Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
More results

Similar Description - GHB-0603-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KP-1608SYC KINGBRIGHT-KP-1608SYC Datasheet
96Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-A KINGBRIGHT-APHK1608PBC-A Datasheet
170Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608QBC-D KINGBRIGHT-APHK1608QBC-D Datasheet
284Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608RWC-A KINGBRIGHT-APHK1608RWC-A Datasheet
395Kb / 7P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SECK KINGBRIGHT-APHK1608SECK Datasheet
278Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SURCK KINGBRIGHT-APHK1608SURCK Datasheet
278Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHK1608SYC KINGBRIGHT-APHK1608SYC Datasheet
158Kb / 5P
1.6x0.8mm SMD CHIP LED LAMP
APHM1608YCT KINGBRIGHT-APHM1608YCT Datasheet
114Kb / 4P
1.6x0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
1.6X0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com