Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSP6946 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP6946
Description  Dual N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP6946 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP6946 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6946 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6946 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6946 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP6946 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
1
6.5
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V
1
4.5
A
IDM
Pulsed Drain Current
2
24
A
EAS
Single Pulse Avalanche Energy
3
12
mJ
IAS
Avalanche Current
16
A
PD@TA=25℃
Total Power Dissipation
4
2.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
90
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
50
℃
/W
BVDSS
RDSON
ID
60V
43mΩ
6.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOP
-8 Pin Configuration
Product Summery
WSP6946
Page 1
www.winsok.tw
Dec.2014
The WSP6946 is the highest performance trench
N-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The WSP6946 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Dual N-Ch MOSFET


Similar Part No. - WSP6946

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
Dual N-Ch MOSFET
More results

Similar Description - WSP6946

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
Dual N-Ch MOSFET
WST8205A WIINSOK-WST8205A Datasheet
1Mb / 5P
Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com