Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4364H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4364H
Description  5 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4364H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4364H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4364H Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWER SUPPLY REQUIREMENTS
+Vcc
-Vcc
PWM
CONTROL
Transconductance
Current Monitor
HALL INPUTS
Low Level Input Voltage
High Level Input Voltage
ERROR AMP
Input Voltage Range
Slew Rate
Output Voltage Swing
Gain Bandwidth Product
Large Signal Voltage Gain
@ +15V
@ -15V
±5 Amps Output
±5 Amps Output
1
1,2,3
1,2,3
4
5,6
4,5,6
4,5,6
4
5,6
-
-
-
-
-
-
-
Output Offset
55V
±13.5V
+16V
-18V
5A
10A
11°C/W
High Voltage Supply
Current Command Input
Continuous Output Current
Peak Output Current
Thermal Resistance @ 25°C
(Junction To Case)
mA
mA
KHz
KHz
Amp/Volt
V/Amp
mAmp
mAmp
Volts
Volts
Volts
V/µSec
Volts
MHz
V/mV
ABSOLUTE MAXIMUM RATINGS
V+
VIN
+Vcc
-Vcc
IOUT
IPK
θJC
-65°C to +150°C
+300°C
-55°C to +125°C
+150°C
TST
TLD
TC
TJ
Parameter
ELECTRICAL SPECIFICATIONS
Units
Max.
85
40
24
-
1.1
1.1
±35.0
-
0.8
-
-
-
-
-
-
MSK 4364
Typ.
60
30
22
-
1
1
±5.0
-
-
-
±12
8
±13
6.5
275
Test Conditions
Min.
-
-
20
-
0.9
0.9
-
-
-
3.0
±11
6.5
±12
-
175
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
Junction Temperature
All Ratings: Tc=+25°C Unless Otherwise Specified
2
Rev. A 1/02
Max.
85
40
23
25.3
1.05
1.1
±25.0
±50.0
0.8
-
-
-
-
-
-
MSK 4364H/E
Typ.
60
30
22
-
1
1
±5.0
-
-
-
±12
8
±13
6.5
275
Min.
-
-
21
18.7
0.95
0.9
-
-
-
3.0
±11
6.5
±12
-
175
NOTES:
1
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
2
Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
3
Military grade devices ("H" Suffix) shall be 100% tested to Subgroups 1, 2, 3 and 4.
4
Subgroups 5 and 6 testing available upon request.
5
Subgroup 1, 4 TA = TC = +25°C
2, 5 TA = TC = +125°C
3, 6 TA = TC = -55°C
6
This is to be used for MOSFET thermal calculation only.
7
Measurements do not include offset current at 0V current command.
3
2
nSec
nSec
µAmps
Volts
Volts
Ω
Volts
nSec
µSec
OUTPUT
Rise Time
Fall Time
Leakage Current
Voltage Drop Across Bridge (1 Upper and 1 Lower)
Voltage Drop Across Bridge (1 Upper and 1 Lower)
Drain-Source On Resistance (Each MOSFET)
Diode VSD
trr
Dead Time
@ 44V, +150°C Junction
@ 5 Amps
@ 5 Amps, +150°C Junction
@ 5 Amps, 150°C Junction
@ 5 Amps, Each FET
IF=5 Amps, di/dt=100A/µS
-
-
750
0.6
1.2
.100
1.6
-
-
100
100
-
-
-
-
-
280
2
-
-
-
-
-
-
-
-
-
100
100
-
-
-
-
-
280
2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
750
0.6
1.2
.100
1.6
-
-
7
Group A
5
Subgroup
4
7
6
1
1
1
1
1
1
1
1
1
1
1
1
1
@ 0 Volts Command
1
Free Running Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com