Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-10-CG-R35-MPC Datasheet(PDF) 5 Page - Luminus, Inc

Part # SFT-10-CG-R35-MPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-CG-R35-MPC Datasheet(HTML) 5 Page - Luminus, Inc

  SFT-10-CG-R35-MPC Datasheet HTML 1Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 2Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 3Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 4Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 5Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 6Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 7Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 8Page - Luminus, Inc SFT-10-CG-R35-MPC Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA USA
SFT-10 Product Datsheet
Note 1:
Bin Kits are defined by a group of flux or power bins. Only one flux / power bin will be shipped in each individual pack or reel.
Each shipment will contain reels of different allowed bins for a specific orderable part number.
Individual Flux or Power bins are not ordereable.
Note 2:
Wavelength bins are not orderable.
Wavelength bins are displayed in product label.
Note 3:
Packaging configuration must be specified in purchase order. Otherwise, order will either be rejected or default to the“F35”(Standard) configuration.
For“StarBoard”configuration,“R35” should be used as package configuration code. Refer to Ordering Part Number Nomenclature on Page 4.
Note 4:
SFT-10 LEDs are tested according to the process outlined on page 6. Devices are sorted and packed by flux bin.
Not all flux bins are populated. Contact your local LDI representative for current production population.
Note 5:
Luminus maintains a test measurement accuracy for LED flux and power of +/- 6%.
Red -Amber Flux Bins
Bin 1Z
Bin 1A
Bin 1B
Bin 1C
Bin 1D
Bin 1E
Bin 1F
Bin 1G
Bin 1H
Red -Amber
Bin Flux Range (lm)
80 - 90
90 - 100
100 - 110
110 - 120
120 - 130
130 - 145
145 - 155
155 - 170
170 - 185
SFT-10-RA-F35-MPA
þ
þ
þ
þ
þ
Conv Green Flux Bins
Bin 2A
Bin 2B
Bin 2C
Bin 2D
Bin 2E
Bin 2F
Bin 2G
Bin 2H
Conv Green Bin Flux Range
(lm)
200 - 215
215 - 240
240 - 260
260 - 285
285 - 305
305 - 325
325 - 350
350 - 380
SFT-10-CG-F35-MPC
þ
þ
þ
þ
SFT-10-CG-F35-MPD
þ
þ
þ
þ
Blue Power Bins
Bin 4A
Bin 4B
Bin 4C
Bin 4D
Bin 4E
Bin 4F
Bin 4G
Bin 4H
Blue Optical Power Range
(W/mm2)
0.65 -
0.70
0.70 -
0.75
0.75 -
0.85
0.85 -
0.95
0.95 -
1.05
1.05 -
1.15
1.15 -
1.25
1.25 -
1.35
SFT-10-B-F35-EPC
þ
þ
þ
þ
SFT-10-B-F35-EPD
þ
þ
þ
þ
SFT-10 Bin Kit1and Flux Bin3,4 Definitions
Note: Please refer to ordering part number table on page 3 for Bin Kit availability
Wavelength Dominent Bin2 Definitions
Color
Bin
Minimum WLD (nm)
Maximum WLD (nm)
Red-Amber
R1
609
615
Red-Amber
R2
615
621
Blue
B1
449
455
Blue
B2
455
460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com