Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-10-B-R35-EPC Datasheet(PDF) 8 Page - Luminus, Inc

Part # SFT-10-B-R35-EPC
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-B-R35-EPC Datasheet(HTML) 8 Page - Luminus, Inc

Back Button SFT-10-B-R35-EPC Datasheet HTML 4Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 5Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 6Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 7Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 8Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 9Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 10Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 11Page - Luminus, Inc SFT-10-B-R35-EPC Datasheet HTML 12Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Optical & Electrical Characteristics
8
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA
SFT-10 Product Datasheet
Note 1:
Product performance and lifetime data is specified at recommended forward drive currents. Sustained operation at or near absolute minimum currents may
result in a reduction of device performance and device lifetime compared to recommended forward drive currents.
Note 2:
Sustained operation above maximum currents is not recommended and will result in a reduction of device lifetime compared to specified maximum forward
drive currents. Device lifetimes will depend on junction temperature. (See Reliability Application Note, APN-001444 for product lifetimes as function of
junction temperature.) Please refer to lifetime de-rating curves (available from Luminus ) for further information.
Note 3:
In pulsed operation, rise time from 10 to 90% of forward current should be larger than 0.5 microseconds.
Note 4:
Sustained operation at Absolute Maximum Operating Junction Temperature (T
jmax) will result in reduced device life time.
Symbol
Red -
Amber
Converted
Green
Blue
Unit
Absolute Minimum Current (CW or Pulsed)1
200
200
200
mA
Absolute Maximum Current (CW)2
2.5
3.0
3.0
A
Absolute Maximum Reverse Drive Drive Current
(CW or Pulsed)
0, REVERSE CURRENT OPERATION IS NOT
ALLOWED
Absolute Maximum Current (Pulsed) 2,3
(Frequency > 240 Hz, duty cycle <70%)
3.0
4.0
4.0
Absolute Maximum Surge Current 2,3
(Frequency > 240 Hz, duty cycle =10%, t= 1ms)
4.0
4.0
4.0
Absolute Maximum Junction Temperature 4
T
jmax
110
150
150
o
C
Storage Temperature Range
-40 / +100
-40 / +100
-40 / +100
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com