Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT-10-B-R35-EPD Datasheet(PDF) 3 Page - Luminus, Inc

Part # SFT-10-B-R35-EPD
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-B-R35-EPD Datasheet(HTML) 3 Page - Luminus, Inc

  SFT-10-B-R35-EPD Datasheet HTML 1Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 2Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 3Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 4Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 5Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 6Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 7Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 8Page - Luminus, Inc SFT-10-B-R35-EPD Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Ordering Information (SMT Configuration)1,3
3
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA USA
SFT-10 Product Datsheet
Ordering Part Number1,3
Color
Min Flux
Bin2
Description
Configuration
SFT-10-RA-F35-MPA
Red
Amber
1A
Red-Amber LED consisting of a 1.0 mm2 die mounted on a
small 3.5 x 3.5mm high-performance package with direc-
tional indicator.
SFT-10-CG-F35-MPC
Converted
Green
2C
Converted Green consisting of a 1.0 mm2 die Blue die
mounted on a small 3.5 x 3.5mm high-performance pack-
age driving a Green Phosphor Platelet, with directional
indicator.
SFT-10-CG-F35-MPD
2D
SFT-10-B-F35-EPC
Blue
4C
Blue LED consisting of a 1.0 mm2 die mounted on a small
3.5 x 3.5mm
high-performance package with directional indicator.
SFT-10-B-F35-EPD
4D
Ordering Part Number1,3
Color
Min Flux
Bin2
Description
Configuration
SFT-10-RA-R35-MPA
Red
Amber
1A
Red-Amber LED consisting of a 1.0 mm2 die in a small 3.5
x 3.5mm package mounted on a thermally efficient and
pedestal, common cathode designed starboard.
SFT-10-CG-R35-MPC
Converted
Green
2C
Converted Green LED consisting of a 1.0 mm2 die with
Green Phosphor Platelet in a small 3.5 x 3.5mm package
SFT-10-CG-R35-MPD
2D
SFT-10-B-R35-EPC
Blue
4C
Blue LED consisting of a 1.0 mm2 die in a small 3.5 x 3.5mm
package mounted on a thermally efficient and pedestal,
common cathode designed starboard.
SFT-10-B-R35-EPD
4D
Note 1: Ordering part numbers represent bin kits (group of bins that are shippable for a given ordering part number)
Note 2: See Bin Kit and Flux bin definitions on page 5.
Note 3: Bin Kits are defined by a group of flux or power bins. Only one flux / power bin will be shipped in each indivdiual pack or reel.
Each shipment will contain reels of different allowed bins for a specific orderable part number (See page 5)
Indivdual Flux or Power bins are not orderable
Note 4: Starboard Configuration are available for sample quantity only. For additional quantity, contact Luminus representitive.
Ordering Part Number Nomenclature
Note :
A Bin Kit represents a group of individual flux or power bins that are shippable for a given ordering part number. Individual flux bins are not orderable.
EXAMPLES: SFT-10-CG-F35-MPC is comprised of Converted Green Flux Bins 2C, 2D, 2E , and 2F,
Product Family
Chip Area
Color
Package Configuration
Bin Kit1
SFT: Small Flat-
Top windowless
format
10: 1.0 mm2
RA = Red - Amber
CG = Converted Green
B= Blue
F35: 3.5mm x 3.5mm
See Mechanical Drawing section
R35: SFT-10 mounted on Starboard
Starboard only in sample quantity
See page 5 for bin kit
definition
SFT
nn
XXXX
XXX
XYZ
Ordering Information (Starboard Configuration)1,3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com