Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLVB4200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLVB4200
Description  Backlighting Blue LED, pi 3 mm Tinted Non-Diffused Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLVB4200 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLVB4200 Datasheet HTML 1Page - Vishay Siliconix TLVB4200 Datasheet HTML 2Page - Vishay Siliconix TLVB4200 Datasheet HTML 3Page - Vishay Siliconix TLVB4200 Datasheet HTML 4Page - Vishay Siliconix TLVB4200 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
TLVB4200
Document Number 83135
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Rel. Luminous Flux vs. Ambient Temperature
1
10
100
VF - Forward Voltage(V)
15846
01
23
45
67
8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
15847
IF =10mA
Tamb - Ambient Temperature ( °C)
-10
10 20 30 40 50 60 70 80 90 100
0
Figure 5. Relative Luminous Flux vs. Forward Current
Figure 6. Relative Intensity vs. Wavelength
0.01
0.1
1
10
100
IF - Forward Current ( mA )
15848
110
0
20
40
60
80
100
120
350
400
450
500
550
600
λ - Wavelenght ( nm )
15849
IF =10mA
96 11608
0.4
0.2
0
0.2
0.4
0.6
0.6
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.8
1.0
0.8
1.0
Figure 7. Rel. Luminous Intensity vs. Angular Displacement
for 90 ° Emission Angle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com