Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6809B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U6809B
Description  FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6809B Datasheet(HTML) 3 Page - ATMEL Corporation

  U6809B Datasheet HTML 1Page - ATMEL Corporation U6809B Datasheet HTML 2Page - ATMEL Corporation U6809B Datasheet HTML 3Page - ATMEL Corporation U6809B Datasheet HTML 4Page - ATMEL Corporation U6809B Datasheet HTML 5Page - ATMEL Corporation U6809B Datasheet HTML 6Page - ATMEL Corporation U6809B Datasheet HTML 7Page - ATMEL Corporation U6809B Datasheet HTML 8Page - ATMEL Corporation U6809B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
U6809B
4764A–AUTO–10/03
Pin Description
Pin
Name
Type
Function
Logic
1
RELI
Digital input
Activation of relay driver
Driver on: L
Driver off: H
2
LA1I
Digital input
Activation of lamp driver 1
Driver off: L
Driver on: H
3
LA2I
Digital input
Activation of lamp driver 2
Driver off: L
Driver on: H
4
RELO
Open-collector driver output
Fail-safe relay driver
Driver off:---
Driver on: L
5, 6
GND
Supply
Standard ground
7
FBLA1
Digital output
Feedback lamp1
See Table 1 on page 5 and
Table 2 on page 5
8
NRES
Digital output
Negative reset signal
Reset: L
No reset: H
9
PRES
Digital output
Positive reset signal
Reset: H
No reset: L
10
FBLA2
Digital output
Feedback lamp 2
See Table 1 on page 5 and
Table 2 on page 5
11
OSC
Analog input
External RC for watchdog timer
12
ENO
Open-collector output
Watchdog disable output
Watchdog ok: ---
Watchdog n ok: L
13
AUX, GND
Supply
Auxiliary ground of lamp drivers
14
LA2O
Open-collector driver output
Warning lamp driver
Driver off: ---
Driver on: L
15, 16, 17
GND
Supply
Standard ground
18
LA1O
Open-collector driver output
Warning lamp driver
Driver off: ---
Driver on: L
19
VS
Supply
5 V supply
20
WDI
Digital input
Watchdog trigger signal
Pulse sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com