Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2002 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2002
Description  N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2002 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2002 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2002 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2002 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2002 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2002 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 10V
1
600
mA
ID@TA=70℃
Continuous Drain Current, VGS @ 10V
1
550
mA
IDM
Pulsed Drain Current
2
0.8
A
PD@TA=25℃
Total Power Dissipation
3
0.
15
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
625
℃
/W
BVDSS
RDSON
ID
30V
7.5Ω
600mA
High-speed switching
Green Device Available
ESD Protected:2KV
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-723 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
WST2002
The WST2002 is the highest performance trench
N-Ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WST2002 meet the RoHS and Green
Product requirement with full function reliability
approved.
G
S
D


Similar Part No. - WST2002

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2004 WIINSOK-WST2004 Datasheet
988Kb / 5P
N-Ch MOSFET
WST2005 WIINSOK-WST2005 Datasheet
1Mb / 6P
P-Ch MOSFET
WST2006 WIINSOK-WST2006 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
WST2007 WIINSOK-WST2007 Datasheet
1Mb / 5P
DUAL N-Channel MOSFET
WST2008 WIINSOK-WST2008 Datasheet
2Mb / 6P
Dual N-Channel MOSFET
More results

Similar Description - WST2002

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com