Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHB-0805DU-R Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # GHB-0805DU-R
Description  These chip-type LEDs utilize Aluminum Indium Gallium Phosphide (AlInGaP) material technology.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

GHB-0805DU-R Datasheet(HTML) 1 Page - Gilway Technical Lamp

  GHB-0805DU-R Datasheet HTML 1Page - Gilway Technical Lamp GHB-0805DU-R Datasheet HTML 2Page - Gilway Technical Lamp GHB-0805DU-R Datasheet HTML 3Page - Gilway Technical Lamp GHB-0805DU-R Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
55 Commerce Way
Woburn, MA 01801
(781) 935 - 4442
(781) 938 - 5867
www.gilway.com
Description
These chip-type LEDs utilize Alu-
minum Indium Gallium Phosphide
(AlInGaP) material technology.
The AlInGaP material has a very
high luminous efficiency, capable
of producing high light output
over a wide range of drive
currents. The available colors in
this surface mount series are
592 nm Amber, 605 nm Orange,
626 nm Red for AS AlInGaP and
631 nm red for TS AlInGaP.
GHB-0805DU-Y
GHB-0805DU-O
GHB-0805DU-R
GHB-0805DU-R2
2.0 (0.079Ê)
0.3 (0.012)
0.3 (0.012)
0.4 ± 0.15
(0.016 ± 0.006)
POLARITY
CATHODE
MARK
0.8 (0.031)
0.4 ± 0.15
(0.016 ± 0.006)
1.4
(0.055)
0.62 (0.024)
LED DIE
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.25 (0.049)
CATHODE LINE


Similar Part No. - GHB-0805DU-R

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-0805-B GILWAY-GHB-0805-B Datasheet
141Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-DR GILWAY-GHB-0805-DR Datasheet
143Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-O GILWAY-GHB-0805-O Datasheet
136Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-R GILWAY-GHB-0805-R Datasheet
134Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
GHB-0805-Y GILWAY-GHB-0805-Y Datasheet
140Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - GHB-0805DU-R

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012SGC KINGBRIGHT-APT2012SGC Datasheet
104Kb / 4P
Gallium Phosphide Green Light Emitting Diode.
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
logo
Gilway Technical Lamp
GHB-RA-B-G GILWAY-GHB-RA-B-G Datasheet
88Kb / 3P
These small chip-type LEDs utilize high efficient and high brightness InGaN material to deliver competitively priced high performance blue and green.
logo
Freescale Semiconductor...
MMG2401NR2 FREESCALE-MMG2401NR2 Datasheet
172Kb / 12P
Indium Gallium Phosphorus HBT - WLAN Power Amplifier
logo
Kingbright Corporation
WP710A10YD5V KINGBRIGHT-WP710A10YD5V Datasheet
312Kb / 7P
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
WP7113YD5V KINGBRIGHT-WP7113YD5V_13 Datasheet
310Kb / 7P
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
logo
Vishay Siliconix
TLHE42T2V1 VISHAY-TLHE42T2V1 Datasheet
107Kb / 5P
AlInGaP technology
14-Oct-14
TLHE44R1S2-26 VISHAY-TLHE44R1S2-26 Datasheet
106Kb / 5P
AlInGaP technology
14-Oct-14
TLLE4401 VISHAY-TLLE4401 Datasheet
110Kb / 6P
AlInGaP technology
14-Oct-14
logo
NXP Semiconductors
MMG2401 NXP-MMG2401 Datasheet
468Kb / 12P
Indium Gallium Phosphorus HBT
Rev. 3, 5/2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com