Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2006 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2006
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2006 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2006 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2006 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2006 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2006 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2006 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Source Voltage
±
20
V
ID@TA=25℃
Continuous Drain Current, VGS @ 4.5V1
0.17
A
ID@TA=70℃
Continuous Drain Current, VGS @ 4.5V1
0.1
A
IDM
Pulsed Drain Current2
0.8
A
PD@TA=25℃
Total Power Dissipation3
0.2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient 1
---
625
℃
/W
RθJC
Thermal Resistance Junction-Case1
---
240
℃
/W
BVDSS
RDSON
ID
30V
5.5Ω
170mA
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-363 Pin Configuration
Product Summery
The WST2006 is the highest performance trench
N-ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate
charge for most of the small power switching
and load switch applications.
The WST2006 meet the RoHS and Green
Product requirement with full function reliability
approved.
D1
D1
S1
S1
G2
G2
D2
D2
S2
S2
G1
G1
Page 1
www.winsok.tw
Dec.2014
WST2006
Dual N-Channel MOSFET


Similar Part No. - WST2006

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2002 WIINSOK-WST2002 Datasheet
713Kb / 5P
N-Ch MOSFET
WST2004 WIINSOK-WST2004 Datasheet
988Kb / 5P
N-Ch MOSFET
WST2005 WIINSOK-WST2005 Datasheet
1Mb / 6P
P-Ch MOSFET
WST2007 WIINSOK-WST2007 Datasheet
1Mb / 5P
DUAL N-Channel MOSFET
WST2008 WIINSOK-WST2008 Datasheet
2Mb / 6P
Dual N-Channel MOSFET
More results

Similar Description - WST2006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com