Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2008 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2008
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2008 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2008 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2008 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2008 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2008 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2008 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2008 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±
10
V
ID
Continuous Drain Current
0.05
A
PD
Total Power Dissipation
0.2
W
channel Temperature
150
℃
Tch
Storage Temperature
-55 to 150
℃
Absolute Maximum Ratings
SOT
-363 Pin Configuration
Page 1
www.winsok.tw
Dec.2014
WST2008
Dual N-Channel MOSFET
HIGH SPEED SWITCHING APPLICATIONS
ANALOG SWITCH APPLICATIONS
● 2.5V Gate Driver.
● low Threshold Voltage:Vth=0.5-1.5v
● High speed
● Enhancenment Mode
● Small Package
Tstg
General Description
Product Summery
BVDSS
RDSON
ID
20V
20 Ω
50mA


Similar Part No. - WST2008

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2002 WIINSOK-WST2002 Datasheet
713Kb / 5P
N-Ch MOSFET
WST2004 WIINSOK-WST2004 Datasheet
988Kb / 5P
N-Ch MOSFET
WST2005 WIINSOK-WST2005 Datasheet
1Mb / 6P
P-Ch MOSFET
WST2006 WIINSOK-WST2006 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
WST2007 WIINSOK-WST2007 Datasheet
1Mb / 5P
DUAL N-Channel MOSFET
More results

Similar Description - WST2008

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com