Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST2033 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2033
Description  Dual P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2033 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2033 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2033 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2033 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2033 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2033 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
10s
Steady State
VDS
Drain-Source Voltage
-
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V
1
-
5.6
-
4.5
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V
1
-
4.6
-
3.5
A
IDM
Pulsed Drain Current
2
-
14
A
PD@TA=25℃
Total Power Dissipation
3
1.
5
1
.1
W
PD@TA=70℃
Total Power Dissipation
3
1.0
0.6
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
125
℃
/W
RθJA
Thermal Resistance Junction-Ambient
1 (t ≤10s)
---
95
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
BVDSS
RDSON
ID
-
20V
37mΩ
-
4.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-23-6L Pin Configuration
Product Summery
WST2033
Dual P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WST2033 is the highest performance
trench P-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WST2033 meet the RoHS and
Green Product requirement with full
function reliability approved.


Similar Part No. - WST2033

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2035 WIINSOK-WST2035 Datasheet
2Mb / 5P
P-Ch MOSFET
More results

Similar Description - WST2033

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB7D1DP30QA KEC-KMB7D1DP30QA_15 Datasheet
380Kb / 5P
Dual P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD2065 WIINSOK-WSD2065 Datasheet
1Mb / 6P
Dual P-Ch MOSFET
WSD2067 WIINSOK-WSD2067 Datasheet
671Kb / 6P
Dual P-Ch MOSFET
WSD2209DN WIINSOK-WSD2209DN Datasheet
840Kb / 5P
Dual P-Ch MOSFET
WSP4805 WIINSOK-WSP4805 Datasheet
739Kb / 5P
Dual P-Ch MOSFET
WSP4807 WIINSOK-WSP4807 Datasheet
2Mb / 7P
Dual P-Ch MOSFET
WSP4953 WIINSOK-WSP4953 Datasheet
938Kb / 5P
Dual P-Ch MOSFET
WSP4953A WIINSOK-WSP4953A Datasheet
820Kb / 5P
Dual P-Ch MOSFET
WSP4955 WIINSOK-WSP4955 Datasheet
640Kb / 5P
Dual P-Ch MOSFET
WST2011 WIINSOK-WST2011 Datasheet
670Kb / 5P
Dual P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com