Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM5I9350 Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # ASM5I9350
Description  3.3V 1:10 LVCMOS PLL Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5I9350 Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  ASM5I9350 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5I9350 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 2005
ASM5I9350
rev 0.2
3.3V 1:10 LVCMOS PLL Clock Generator
2 of 12
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
SELA
QD0
QD1
QD2
QD3
QD4
QC0
QC1
+4/
+8
+4/
+8
VCO
200-500MHz
Phase
Detector
LPF
XIN
XOUT
FB_SEL
SELB
SELD
OE#
+16/+32
+4/
+8
QB
+2/
+4
QA
osc
PLL_EN
REF_SEL
TCLK
SELC
1
2
3
4
5
6
7
8
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
24
23
22
21
20
19
18
17
FB_SEL
SELA
SELB
SELC
SELD
AVSS
XOUT
AVDD
VDDQD
QD0
VSS
QC1
VDDQC
QC0
QD1
VSS
ASM5I9350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com