Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAQ0860L36T Datasheet(PDF) 5 Page - ON Semiconductor

Part # NFAQ0860L36T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L36T Datasheet(HTML) 5 Page - ON Semiconductor

  NFAQ0860L36T Datasheet HTML 1Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 2Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 3Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 4Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 5Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NFAQ0860L36T
www.onsemi.com
5
Table 2. ABSOLUTE MAXIMUM RATINGS at TC = 25°C (Note 1)
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VPN
P−NU,NV,NW, VPN (surge) < 500 V
(Note 2)
450
V
Collector − Emitter Voltage
VCES
P-U,V,W; U-NU; V-NV; W-NW
600
V
Each IGBT Collector Current
IC
P,U,V,W,NU,NV,NW terminal current
±8
A
P,U,V,W,NU,NV,NW terminal current, Tc = 100°C
±4
A
Each IGBT Collector Current (Peak)
ICp
Tc = 25°C, Under 1 ms Pulse Width
±16
A
Corrector Dissipation
Pc
Tc = 25°C, Per One Chip
32
W
High−Side Control Bias voltage
VBS
VB(U)−VS(U), VB(V)−VS(V),
VB(W)−VS(W)
(Note 3)
−0.3 to +20.0
V
Control Supply Voltage
VDD
VDD−VSS
−0.3 to +20.0
V
Input Signal Voltage
VIN
HIN(U), HIN(V), HIN(W), LIN(U), LIN(V), LIN(W) −
VSS
−0.3 to VDD
V
FAULT Terminal Voltage
VFAULT
FAULT−VSS
−0.3 to VDD
V
CFOD Terminal Voltage
VCFOD
CFOD−VSS
−0.3 to VDD
V
SD Terminal Voltage
VSD
SD−VSS
−0.3 to VDD
V
Current Sensing Input Voltage
VITRIP
ITRIP−VSS
−0.3 to +10.0
V
Operating Junction Temperature
Tj
150
_C
Storage Temperature
Tstg
−40 to +125
_C
Module Case Operation Temperature
Tc
−40 to +125
_C
Tightening Torque
MT
Case mounting screws
0.6
Nm
Isolation Voltage
Viso
50 Hz sine wave AC 1 minute
(Note 4)
2000
Vrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters
2. This surge voltage developed by the switching operation due to the wiring inductance between P and NU, NV, NW terminal.
3. VBS=VB(U)−VS(U), VB(V)−VS(V), VB(W)−VS(W)
4. Test conditions : AC2500V, 1 s
Table 3. RECOMMENDED OPERATING RANGES
Rating
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VPN
P − NU, NV, NW
0
280
450
V
High−Side Control Bias
Voltage
VBS
VB(U) − VS(U), VB(V) − VS(V), VB(W) −
VS(W)
13.0
15
17.5
V
Control Supply Voltage
VDD
VDD − VSS
14.0
15
16.5
V
ON−state Input Voltage
VIN(ON)
HIN(U), HIN(V), HIN(W), LIN(U), LIN(V),
LIN(W) − VSS
3.0
−
5.0
V
OFF−state Input Voltage
VIN(OFF)
0
−
0.3
V
PWM Frequency
fPWM
1
−
20
kHz
Dead Time
DT
Turn−off to Turn−on (external)
1
−
−
ms
Allowable Input Pulse Width
PWIN
ON and OFF
1
−
−
ms
Tightening Torque
‘M3’ Type Screw
0.4
−
0.6
Nm
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com