Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-2PH Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-2PH
Description  RS-232C 2ch Serial I/O Board with Isolation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PH Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-2PH Datasheet HTML 1Page - Contec Co., Ltd COM-2PH Datasheet HTML 2Page - Contec Co., Ltd COM-2PH Datasheet HTML 3Page - Contec Co., Ltd COM-2PH Datasheet HTML 4Page - Contec Co., Ltd COM-2PH Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
COM-2P(PCI)H,COM-4P(PCI)H
Ver.2.20
specification
Item
Specification
Number of channels
2ch
Interface type
RS-232C
Isolation
Channel Isolation/Bus Isolation
Isolation voltage
Channel Isolation: 500VDC, Bus Isolation: 1000VDC
Transfer method
Asynchronous serial transfer
Baud rate
2 - 921,600bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Controller chip
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO buffers.)
Connecting distance
15m(Typ.)
Interrupt requests
1 level use
*3
I/O address
Any 32-byte boundary
Power consumption
5VDC 600mA (Max.)
Operating
temperature
0 - 50°C, 10 - 90%RH(No condensation)
PCI bus specification 32bit, 33MHz, Universal key shapes supported *4
Dimension (mm)
121.69(L) x 105.68(H)
Weight
80g
*1
These items can be set by software.
For the "Driver Library API-PAC(W32)" and the "Standard COM Driver Software COM
Setup Disk" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*2
Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3
The interrupt signals from all channels are connected as a single interrupt signal on the PCI
bus.
*4
This board requires power supply at +5 V from an expansion slot (it does not work on a
machine
with a +3.3V power supply alone).
Item
Specification
Number of channels
4ch
Interface type
RS-232C
Isolation
Channel Isolation/Bus Isolation
Isolation voltage
Channel Isolation: 500VDC, Bus Isolation: 1000VDC
Transfer method
Asynchronous serial transfer
Baud rate
2 - 921,600bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Controller chip
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO buffers.)
Connecting distance
15m(Typ.)
Interrupt requests
1 level use
*3
I/O address
Any 32-byte boundary
Power consumption
5VDC 1000mA (Max.)
Operating
temperature
0 - 50°C, 10 - 90%RH(No condensation)
PCI bus specification 32bit, 33MHz, Universal key shapes supported *4
Dimension (mm)
121.69(L) x 105.68(H)
Weight
90g
*1
These items can be set by software.
For the "Driver Library API-PAC(W32)" and the "Standard COM Driver Software COM
Setup Disk" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*2
Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3
The interrupt signals from all channels are connected as a single interrupt signal on the PCI
bus.
*4
This board requires power supply at +5 V from an expansion slot (it does not work on a
machine
with a +3.3V power supply alone).
[mm]
121.69(L)
The standard outside dimension (L) is
the distance from the end of the board
to the outer surface of the slot cover.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com