Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-4PC-PE Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-4PC-PE
Description  RS-232C Isolated Serial I/O Board for PCI Express 4ch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4PC-PE Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-4PC-PE Datasheet HTML 1Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 2Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 3Page - Contec Co., Ltd COM-4PC-PE Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver.1.00
COM-4PC-PE
2
Item
Specification
Number of channels
4ch
Interface type
RS-232C
Isolation
Channel Isolation/Bus Isolation
Isolation voltage
Channel Isolation: 500VDC, Bus Isolation: 1000VDC
Transfer method
Asynchronous serial transfer
Baud rate
2 - 921,600bps *1 *2
Data length
5, 6, 7, 8 bits
1, 1.5, 2 stop bits
*1
Parity check
Even, Odd, Non-parity
*1
Controller chip
162850 or equivalent
(Each channel has 128-byte receive and 128-byte transmit FIFO
buffers.)
Connecting distance
15m(Typ.)
Interrupt requests
1 level use
*3
I/O address
Any 32-byte boundary
Power consumption
3.3VDC 1600mA (Max.)
Operating temperature
0 - 50°C, 10 - 90%RH(No condensation)
Bus specification
PCI Express Base Specification Rev. 1.0a
x1
Dimension (mm)
169.33(L) x 110.18(H)
Interface connector
37-pin D-SUB, female connector DCLC-J37SAF-20L9E (mfd.by
JAE) equivalent
Weight
120g
*1 These items can be set by software.
For the "Driver Library API-PAC(W32)" and the "Standard COM Driver Software
COM
Setup Disk" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*2 Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3 The interrupt signals from all channels are connected as a single interrupt signal on the PCI
Express bus.
Board Dimensions
[mm]
169.33(L)
The standard outside dimension (L) is
the distance from the end of the board to
the outer surface of the slot cover.
Standard COM Driver Software COM Setup Disk
(Bundled)
The purpose of this software is to allow the CONTEC serial
communication boards to be used under Windows or Linux in the
same way as the standard COM ports on the PC.
By installing
additional boards, you can use COM ports in the range COM1 -
COM256.
The boards can be used for all types of serial communications
such as for remote access service (RAS) and uninterruptible
power supply (UPS) applications.
Under Windows, the serial ports can be accessed using the
standard Win32 API communication routines (CreateFile( ),
WriteFile( ), ReadFile( ), and SetCommState( ), etc.)
The serial
ports are also compatible with the Visual Basic communication
control (MSComm).
Under Linux, the serial ports are compatible with the operating
system's standard tty driver.
The standard routines including
open( ), close( ), read( ), write( ) are supported.
< Operating environment >
OS
Windows Vista, XP,
Server 2003 , 2000, Linux
CAUTION
The maximum number of COM ports able to be used depends
on the configuration of your OS.
Driver library API-PAC(W32) (Available for downloading
(free of charge) from the CONTEC web site.)
API-PAC(W32) is the library software that provides the
commands for CONTEC hardware products in the form of
Windows standard Win32 API functions (DLL).
It makes it easy
to create high-speed application software taking advantage of the
CONTEC hardware using various programming languages that
support Win32 API functions, such as Visual Basic and Visual
C/C++.
It can also be used by the installed diagnosis program to check
hardware operations.
CONTEC provides download services (at
http://www.contec.com/apipac/) to supply the updated drivers and
differential files.
For details, visit the CONTEC’s Web site.
< Operating environment >
OS
Windows Vista, XP, Server 2003, 2000
Adaptation language Visual C++ .NET, Visual C# .NET, Visual
Basic .NET, Visual C++, Visual Basic,
Delphi, C++Builder, etc.
CAUTION
This library provides local routines that are specific to
CONTEC (SioOpen( ), SioWrite( ), SioRead( ), SioStatus( ),
etc.).
These are not compatible with the standard Win32 API
communication routines (CreateFile( ) and WriteFile( ), etc.).
Cable(Option)
Connection Conversion Cable
(37M
→9M x 4, 250mm)
: PCE37/9PS
Connection Conversion Cable
(37M
→25M x 4, 250mm)
: PCE37/25PS
Connector(Option)
D-SUB37P Male Connector Set (5 Pieces)
: CN5-D37M
*
Check the CONTEC’s Web site for more information on these options.
Board [COM-4PC-PE] …1
First step guide … 1
COM Setup Disk *1 (CD-ROM) …1
*1 The CD-ROM contains the driver software and User’s Guide.
Specification
Support Software
Packing List
Cable & Connector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com