Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-4PDHN-USB Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-4PDHN-USB
Description  N Series for USB RS-422A/485 4ch Isolated Serial I/O Unit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-4PDHN-USB Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-4PDHN-USB Datasheet HTML 1Page - Contec Co., Ltd COM-4PDHN-USB Datasheet HTML 2Page - Contec Co., Ltd COM-4PDHN-USB Datasheet HTML 3Page - Contec Co., Ltd COM-4PDHN-USB Datasheet HTML 4Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Ver.1.02
COM-4PDHN-USB
2
Specification
Item
Specifications
I/O
Number of channels
4ch
Interface type
RS-422A/RS-485
Transfer method
Asynchronous serial transfer
Baud rate
300 - 921,600bps *1 *2
Data length
7, 8 bits
1, 2 stop bits *1
Parity check
Even, Odd, Non-parity *1
Controller chip
XR21V1414 or equivalent
(Mounting the FIFO memory as the common buffer of RS-
422A/RS-485 communication and USB. Each channel has 384-
byte receive and 128-byte transmit FIFO buffers.)
USB section
Bus specification
USB Specification 2.0/1.1 standard
USB transfer rate
12Mbps (Full-speed) *5
Power supply
Self-powered
Common section
Isolation specification
Isolation between channel, Bus isolation
Isolation pressure proof
Between channel : 500VAC, Between bus : 1000VAC
Current
consumption
(Max.)
12VDC 375mA, 24VDC 190mA
Operating temperature
*6
-20 - 60°C *7, 10 - 90%RH (No condensation)
Connecting distance
1200m (Typ.) *3*4
Dimension (mm)
188.0(W) x 78.0(D) x 30.5(H) (No protrusions)
Weight
220g (Not including the USB cable, attachment)
Connector
Power connector: MC 1,5/ 3-G-3,5 [PHOENIX CONTACT]
equivalent
RS-422A/485 communication connector: MC 1,5/ 5-G-3,5
[PHOENIX CONTACT] or equivalent
Attached cable
USB cable 1.8m
Standard
VCCI Class A, FCC Class A,
CE Marking (EMC Directive Class A, RoHS Directive)
*1 These items can be set by software.
For the "Standard COM Driver Software COM Setup Disk" on the bundled disk, the range is
300 - 921,600 bps.
*2 Data transmission at high speed may not be performed normally depending on the
environment including the type of status of connected material of cable and environment.
*3 The table below lists an example of the relationship between baud rate and communication
distance.
Communication
distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable: 28AWG, double shielded cable, twisted pairs used for each +/- signal
line.
*4 The table below lists the maximum communication distances of the terminator resistor value
and individual cable diameters.
The terminators on the product (100Ω) and the terminators generally used with RS-
422A/485(120Ω) are listed.
Maximum communication distances of the terminator resistor
value (100Ω) and cable diameter
Terminator
Resistor(Ω)
Cable Diameter
Maximum Communication
Distance(m)
100
AWG28
400
AWG26
700
AWG24
1100
AWG22
1200
Maximum communication distances of the terminator resistor
value (120Ω) and cable diameter
Terminator
Resistor(Ω)
Cable Diameter
Maximum Communication
Distance (m)
120
AWG28
500
AWG26
800
AWG24
1200
AWG22
1200
*5 This depends on the PC environment used (OS and USB host controller).
*6 To suppress the heating, ensure that there are spaces for ventilation (about 5cm) around this
product.
*7 When using the provided AC adapter POA201-10-2, the operating temperature is 0 - 40
deg.C.
AC adapter Environment Requirements (Installation Environment Requirements)
Item
Specifications
Input voltage range
90 - 264VAC
Rated input current
300mA
Number of frequency
50 - 60Hz
Rated output voltage
12.0VDC
Rated output current
1.0A (Max.)
Dimension (mm)
47.5(W) x 75(D) x 27.3(H) (No protrusions)
Weight
175g
Operating temperature
0 - 40°C
Operating humidity
20 - 80%RH(No condensation)
Life expectancy
1.5 years at the ambient temperature 40°C (When 100VAC is input
and 1.0A is output)
4 years at the ambient temperature 40°C (When 100VAC is input
and 0.5A is output) *1
Allowable time of short
interruption
20ms (Max.) (When 100VAC is input and 0.55A is output) *2
Floating dust particles
Not to be excessive
Corrosive gases
None
Voltage corresponding to the
attached AC cable
125VAC 7A
*1 The current consumption (Max.) of the F&eIT N series supported by this product is 6.5W.
*2 When the short interruption occurs and the defective operation of the equipment is generated,
please insert the power supply of the equipment after pulling out it.
Support Software
Standard COM Driver Software COM Setup Disk (Bundled)
Under Windows, this software allows you to use the serial ports on the
converter as if they were standard COM ports on the PC. By connecting
additional products, you can use COM ports in the range COM1 -
COM256. Under Windows, the serial ports can be accessed using the
standard Win32 API communication routines (CreateFile( ), WriteFile( ),
ReadFile( ), and SetCommState( ), etc.) The serial ports are also
compatible with the Visual Basic communication control (MSComm).
Supports the communication class of .NET Framework (SerialPort
class).
For more details on the supported OS, applicable language and new
information, please visit the CONTEC’s Web site.
List of Options
AC adaptor (Input : 90 - 264VAC, output : 12VDC 1.0A) :POA201-10-2
DIN rail mounting power supply 15[w] :
CPS-PWD-15AW12-01 *1
(Input: 100 - 240VAC, output: 12VDC 1.3 A)
Magnets for installation (For piece Set)
: CPS-MAG01-4
*1 This needs to be accompanied by AC cable. A user is encouraged to purchase our
recommended AC cable (sold separately).
* Check the CONTEC’s Web site for more information on these options.
Name of each parts
USB cable
attachment
For PC
Interface connector
USB Type A
LED indicator
COM-4PDHN-USB
USB I/OTerminal
Isolated RS-422A/485 4ch I/O Unit
V+ V-
Interface connector
CH1
CH2
CH3
CH4
USB2.0 (mini-B type)
12-24VDC
SW1
SW2
SW3
SW4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com