Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSN-DIO-08SL Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # CPSN-DIO-08SL
Description  Digital I/O Module Opto-Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPSN-DIO-08SL Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPSN-DIO-08SL Datasheet HTML 1Page - Contec Co., Ltd CPSN-DIO-08SL Datasheet HTML 2Page - Contec Co., Ltd CPSN-DIO-08SL Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.01
CPSN-DIO-08SL
2
Installation Environment Requirements
Item
Description
Operatingambienttemperature
-20-+60°C(Wallinstallationatanangleof0°)
-20°Cto+55°Cwithaverticalinstallationatanangleof90°tothe
left/rightorwithaplaneinstallation
Operatingambienthumidity
10-90%RH(Nocondensation)
Non-operatingambient
temperature
-20-+60°C
Non-operatingambienthumidity
10-90%RH(Nocondensation)
Floatingdustparticles
Nottobeexcessive
Corrosivegases
None
Line-noise
resistance
Linenoise
SignalLine/±1kV(IEC61000-4-4Level3,EN61000-4-4Level3)
Staticelectricity
resistance
Touch/±4kV(IEC61000-4-2Level2,EN61000-4-2Level2)
Air/±8kV(IEC61000-4-2Level3,EN61000-4-2Level3)
Vibration
resistance
Sweep
resistance
10-57Hz*3/semi-amplitudevibration0.15mm,57-150Hz/2.0G
40minuteseachinX,Y,andZdirections(JISC60068-2-6-compliant,
IEC60068-2-6-compliant)
Shockresistance
15Ghalf-sineshockfor11msinX,Y,andZdirections
(JISC60068-2-27-compliant,IEC60068-2-27-compliant)
Standard
VCCIClassA,FCCClassA,
CEMarking(EMCDirectiveClassA,RoHSDirective)
*3 WiththeoptionalDINrailfittingpowersupply:10-55Hz(fordetails,seetheuser’sguideoftheoptionalpower
supply).
Physical Dimensions
Physical dimensions of CPSN-DIO-08SL.
Physical dimensions of CPSN-DIO-08SL. (with connector attached)
Packing List
Product [CPSN-DIO-08SL] …1
10-pin Connector (attached to the product) …1
Product Guide & Warranty Certificate …1
Serial Number Label … 1
List of Options
CPU unit
RemoteI/O CPUunit
: CPSN-MCB271-S1-041
RemoteI/O CPUunitLANHUBmodel
: CPSN-MCB271-1-041
DIN rail fitting power supply
Fittingpower supply 30W
(Input: 100- 240VAC,Output: 24VDC 1.3A)
: CPS-PWD-30AW24-01
Fittingpower supply 90W
(Input: 100- 240VAC,Output:24VDC 3.8A)
: CPS-PWD-90AW24-01
* VisittheContecwebsiteforthelatestoptionalproducts
.
Name of each parts
No.
Name
Function
1 LEDIndicator
Displaysthedigitalinput/outputstatus.
2 InterfaceConnector
Thisisaconnectorfordigitalinput/output.Usethe10-pinconnector,
includedinthepackage.
*TurningontheLEDofthedigitaloutputrequiresanexternalpowersupply.
Interface Connector
This product has 8 channels of digital input/output. Use the 10-pin
connector included in the package.
Connector type: DEGSON 15EDGKC-3.81-10P-13
PHOENIX CONTACT FRONT-MC1.5/10-ST-3.81
(or equivalent)
Pin Assignment
PinNo.
SignalName
Description
1
PCOM
Thisconnectsthepositive-sideoftheexternalpower.Itshareswith8channels
ofoutputsignal(DIO0-DIO7).
2
MCOM
Thisconnectsthenegative-sideoftheexternalpower.Itshareswith8channels
ofoutputsignal(DIO0-DIO7).
3-10
DIO0-DIO7 Itindicatestheinput/outputsignals.Eachconnectstheinputsignalfromthe
otherdeviceoroutputsthesignaltoconnectwiththeotherdevice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com