Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS-AI-1608LI Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # CPS-AI-1608LI
Description  CODESYS EtherCAT Master
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-AI-1608LI Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPS-AI-1608LI Datasheet HTML 1Page - Contec Co., Ltd CPS-AI-1608LI Datasheet HTML 2Page - Contec Co., Ltd CPS-AI-1608LI Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.06
CPS-PCS341EC-DS1-1201
2
Specifications
Function specifications
Item
CPS-PCS341EC-DS1-1201
CODESYS
Compatible
Function
Version
V3.5 SP7 Patch2 or any later version
Language
LD, SFC, FBD, ST, IL, CFC (IEC61131-3 compliant)
Field Bus
EtherCAT Master, Modbus TCP Slave
Communication Protocol
OPC UA Server
Program Size
ROM Size
1MB
The Number of Maximum
Steps
250K steps
CPU Basic
Performance
Basic Command Operation
Speed (LD)
1.6 nsec
Applied Command
Operation Speed (ST)
5.8 nsec
Jitter
Maximum 300 μsec approx.
Scan Time
74 μsec (at 20000 Steps)
EtherCAT
Performance
Input Process Time (LD)
144nsec
Output Process Time (ST)
138nsec
Scan Time
166μsec (at 64 point-input, 64 point-output)
Hardware Specifications
Item
CPS-PCS341EC-DS1-1201
CPU
ARM Cortex-A8 600MHz
Memory
On Board 512MB DDR3 SDRAM
ROM
On-Board32MB NOR Flash for OS
LAN
Transmission standard
10BASE-T/100BASE-TX
The number of channels
2
Connector
RJ-45 Connector
LED
Speed (Yellow), Link/Act (Green)
USB
Transmission standard
USB2.0 standard follow
The number of channels
1
Connector
TYPE-A
SD card slot
Standard
SD standard follow
Connector
SD memory card slot
LED
Read/Write (Green)
RS-232C
Baud Rate
300bps - 115.2kbps
Data length
5, 6, 7, 8 bit 1, 1.5, 2 stopbit
Parity check
Even, Odd, Non-parity
Isolation/Resistance
Non-isolated
The number of channels
1
Connector
9-pin D-SUB connector (Male)
LED
Transmission (Green), Reception (Green)
Digital input and
Output
Input type
Opto-coupler isolation input (Compatible with current sink
output) (negative logic) *1
Input isolation
Opto-coupler isolation
Input voltage resistance
1000V
The number of input signal
channels
4
Open-circuit impedance
10kΩ or more
Short-circuit impedance
500Ωor less
Response time (digital
input)
Within 200μsec
Interrupt (digital input)
4 interrupt input signals are arranged into a single output of
interrupt signal.
An interrupt isgenerated at the falling edge (HIGH-to-LOW
transition) or rising edge (LOW-to-HIGH transition). (setting
can be doneby software)
Output type
Semiconductor relay output
Output isolation
Semiconductor relay isolation
Output voltage resistance
1000V
The number ofoutput
signal channels
4 *usable as digital inputor digital output
Maximum output
voltage/current
13.2V/100mA
Response time
Within 2msec
ON resistance
8Ω or less (at 25 °C)
OFF leakage current
4μA or less (at 25 °C)
Surge protection element
Interactive TVS Diode
Item
CPS-PCS341EC-DS1-1201
Stand off voltage : ±30V, Peak pulse power : 400W (1ms)
LED
DIO0 - DIO3 (Green)
Connector
2 pieces 3.81mmpitch 6-pin Terminal
(N.C., DIO3, DIO2, DIO1, DIO0, MCOM)
Applicable wire
AWG28 - 16
Stack Bus
The maximum number of
stack buses
16 *2
LED
Power (Green)/Status1 (Green)/Status2 (Red) /Error (Red)
Switch
Power SW, Rotary SW, DIP SW
RTC
RTC built-in (battery within)
Power supply *3 Rated input voltage
24VDC
Input voltage range
21.6 - 26.4VDC
Power consumption
Controller alone: 24V 0.3A (Max.)
With module(s): 24V 3.6A (Max.)
Connector
2-piece 3.5mm pitch 3-pin terminal (V+, V-,FG)
Applicable wire
AWG20 - 16
Surge protection element
V+ - V-, V- - FG
Interactive TVS diode
Stand off voltage : ±30V, Peak pulse power: 400W(1msec)
Physicaldimensions (mm)
44.7(W)×94.7(D)×124.8(H) (Noprojection included)
Weight
300g
Installation method
Quick mountingon the 35mm DIN rail
OS
Linux kernel 3.2
*1 Data 0 corresponds to High level and Data 1 corresponds to Low level.
*2 The total current consumption of the devices should be less than 3.3A
*3 Use power cable within 3meters.
Installation Environment Requirements
Item
CPS-PCS341EC-DS1-1201
Operating ambient temperature
-20 - +60°C *4
Operating ambient humidity
10 - 90%RH (No condensation)
Non-operating ambient
temperature
-20 - +60°C
Non-operating ambient humidity 10 - 90%RH (No condensation)
Floating dust particles
Not to be excessive
Corrosivegases
None
Line-noise
resistance
Line noise
AC Line/±2kV*5
Signal Line /±1kV(IEC61000-4-4 Level 3, EN61000-4-4 Level 3)
Static electricity
resistance
Touch /±4kV(IEC61000-4-2 Level 2,EN61000-4-2 Level 2)
Air /±8kV(IEC61000-4-2 Level 3, EN61000-4-2 Level 3)
Vibration
resistance
Sweep
resistance
10 -57Hz*6 /semi-amplitude vibration0.15mm, 57 - 150Hz/2.0G
40minuteseach in X, Y, and Z directions (JISC60068-2-6-compliant,
IEC60068-2-6-compliant)
Shock resistance
15G half-sine shock for 11ms in X, Y, and Z directions
(JIS C 60068-2-27 –compliant, IEC 60068-2-27 -compliant)
Grounding
Class D grounding (previous class 3 grounding), SG-FG/ non-conduction
Standard
VCCI Class A, FCC Class A,
CE Marking (EMC Directive Class A, RoHS Directive), UL
*4 If you use the USB with bus power, operate the product at between -20 and +55°C.
*5 When you use theoptional power product.
*6 When you use an optional power product: 10 - 55Hz (See the manual ofoptional power product for details)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com