Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM162MCUS/T Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM162MCUS/T
Description  uP Supervisory Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM162MCUS/T Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  ASM162MCUS/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM162MCUS/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ASM161 / ASM162
6 of 9
Notice: The information in this document is subject to change without notice
µP Supervisory Circuit
rev 1.0
October 2003
Notes: 1. Over operating temperature range.
MR Input Threshold
VIH
VCC > VTH(MAX), L/M/J devices
2.3
V
VIL
0.8
V
VIH
VCC > VTH(MAX), R/S/T devices
0.7VCC
V
VIL
0.25VCC
V
MR Delay to MR Retrig-
ger
tMRD
TA = 0°C to 70°C
49
85
122
µS
TA = -40°C to 85°C
85
MR pull-up resistance
10
20
30
KΩ
Low RESET output volt-
age (ASM161)
VOL
VCC = VTH min., ISINK = 1.2mA,
ASM161 R/S/T
0.3
V
VCC = VTH min., ISINK = 3.2mA,
ASM161 L/M/J
0.4
VCC > 1.1, ISINK = 50µA
0.3
RESET Output Leak-
age Current (ASM161)
ILKG
VDRAIN < 6.0V, 0°C < TA < 70°C
1µA
Low RESET output volt-
age (ASM162)
VOL
VCC = VTH min., ISINK = 1.2mA,
ASM162 R/S/T
0.3
V
VCC = VTH min., ISINK = 3.2mA,
ASM162 L/M/J
0.4
HIGH RESET Output
Voltage (ASM162)
VOH
1.8<VCC<VTHmin., ISOURCE = 150 µA
0.8VCC
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com