Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMX24-PC Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # AMX24-PC
Description  Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

AMX24-PC Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  AMX24-PC Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC AMX24-PC Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC AMX24-PC Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Accessories
KH8
Damper crank arm
KH10
Damper crank arm
KG8
Ball joint
KG10A
Ball joint
SH8
Push rod for KG6 & KG8 ball joints (36” L, 5/16” diameter).
SH10
Push rod for KG10A ball joint (36” L, 3/8” diameter).
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-101
Base plate for ZS-100.
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
AV8-25
Shaft extension
TF-P
Anti-rotation bracket TF/NKQ/AM/NM/LM.
ZG-100
Univ. right angle bracket 17”x11-1/8”x6” (HxWxbase).
ZG-101
Univ. right angle bracket 13x11x7-7/16” (HxWxbase).
TOOL-06
8 mm and 10 mm wrench.
Z-SPA
Adapter
PS-100
Low voltage and control signal simulator.
AH-25
Actuator arm
K-AM25
Standard NKQ/AM/NM clamp (1/2” to 1.05”).
K-SA
Shaft clamp reversible
ZG-109
Right angle bracket for ZS-260.
ZG-110
Stand-off bracket for ZS-260.
ZG-112
LF right angle bracket 4-1/2x5-1/2x2-1/2” (HxWxD).
ZG-JSA-1
1” diameter jackshaft adaptor (11” L).
ZG-JSA-2
1-5/16” diameter jackshaft adaptor (12” L).
ZG-JSA-3
1.05” diameter jackshaft adaptor (12” L).
ZG-NMA
Mounting kit for linkage operation
ZS-260
Explosion proof housing.
ZS-300
NEMA 4X, 304 stainless steel enclosure.
ZS-300-5
NEMA 4X, 316L stainless steel enclosure.
ZS-300-C1
1/2” shaft adaptor, standard wtih ZS-300(-5).
ZS-300-C2
3/4” shaft adaptor for ZS-300(-5).
ZS-300-C3
1” shaft adaptor for ZS-300(-5).
Z-SMA
Base plate extension
S1A
Auxiliary switch for damper actuators and rotary actuators
S2A
Auxiliary switch for damper actuators and rotary actuators
P475
Shaft mount, non-Mercury aux. switch for 1/2” dia. shafts.
P475-1
Shaft mount, non-Mercury aux. switch for 1” dia. shafts.
P140A GR
Feedback potentiometer for damper actuators and rotary
actuators
P500A GR
Feedback potentiometer for damper actuators and rotary
actuators
P1000A GR
Feedback potentiometer for damper actuators and rotary
actuators
P2800A GR
Feedback potentiometer for damper actuators and rotary
actuators
P5000A GR
Feedback potentiometer for damper actuators and rotary
actuators
P10000A GR Feedback potentiometer for damper actuators and rotary
actuators
NSV24 US
Battery back-up module for non-spring return actuators.
NSV-BAT
12V 1.2AH battery (two required for NSV24 US).
ZG-X40
120 to 24 VAC, 40 VA transformer.
TF-CC US
Cable conduit connector, 1/2”.
43442-00001 Cable gland (for NEMA 4 models).
Blk (1) Common
Red (2) + Hot
Pnk (6) C1 Input
Org (5) U Output
Control Signal
(+)
0 to 10 V Phasecut
(–)
Feedback Signal (+)
2 to 10 VDC (–)
Line
Volts
1
2
3
24 VAC Transformer
5
Phasecut Control
AMX24-PC Technical Data Sheet
Modulating, Non-Spring Return, 24 V, 0 to 20 V Phasecut
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com