Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SA1013-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SA1013-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SA1013-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SA1013-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1013 SOT-89
1 / 2
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
1
2
3
■ Simplified outline(SOT-89)
1.Base
2.Collector
3.Emitter
PNP Transistors
■
Features
●
High voltage
●
Large continuous collector current capability
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-160
Collector - Emitter Voltage
VCEO
-160
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-1
A
Collector Power Dissipation
PC
0.5
W
T hermal Resistance from Junction to Ambient
R θJA
250
℃
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-160
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-160
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -150 V , IE=0
-1
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-1
Collector-emitter saturation voltage
VCE(sat) IC=-500 mA, IB=-50mA
-1.5
Base - emitter saturation voltage
VBE(sat) IC= -500 mA, IB=- 50mA
-1.2
Base - emitter voltage
VBE
VCE= -5V, IC= -5mA
-0.75
DC current gain
hFE
VCE= -5V, IC= -200mA
60
320
Transition frequency
fT
VCE= -5V, IC= -200mA
15
MHz
V
uA
V
■
Classification of hfe
Type
2SA1013-R
2SA1013-O
2SA1013-Y
Range
60-120
100-200
160-320
Marking
1013R
1013O
1013Y
■


Similar Part No. - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1013-R MCC-2SA1013-R Datasheet
108Kb / 2P
PNP Epitaxial Silicon Transistor
logo
Guangdong Kexin Industr...
2SA1013-R KEXIN-2SA1013-R Datasheet
336Kb / 1P
PNP Transistors
logo
Micro Commercial Compon...
2SA1013-R MCC-2SA1013-R Datasheet
337Kb / 2P
PNP Epitaxial Silicon Transistor
2SA1013-R MCC-2SA1013-R_13 Datasheet
337Kb / 2P
PNP Epitaxial Silicon Transistor
More results

Similar Description - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com