Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1576A-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SA1576A-R
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SA1576A-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SA1576A-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SA1576A-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SA1576A-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1576A SOT-323
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
0
25
50
75
100
125
150
0
50
100
150
200
250
0
1
-
1
-
1
.
0
-
1
10
0
1
-
1
-
10
100
1000
0
0
1
-
0
1
-
1
-
10
100
1000
-0
-2
-4
-6
-8
-10
-12
-0
-1
-2
-3
-4
-5
-6
-7
0
0
1
-
0
1
-
1
-
1
.
0
-
-200
-400
-600
-800
-1000
0
0
1
-
0
1
-
1
-
-0
-100
-200
-300
AMBIENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
-20
-30
C
ob
C
ib
f=1MHz
I
E=0 / IC=0
T
a=25
℃
V
CB / VEB
C
ob / Cib
——
REVERSE BIAS VOLTAGE V (V)
50
COLLECTOR CURRENT I
C
(mA)
V
CE=-12V
T
a=25
℃
I
C
f
T
——
I
C
h
FE
——
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE= -6V
-150
-16uA
-20uA
-18uA
-14uA
-12uA
-10uA
-8uA
-6uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-4uA
I
B=-2uA
COMMON
EMITTER
T
a=25
℃
-150
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat ——
-150
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
V
CEsat ——
I
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com