Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1123-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SB1123-R
Description  PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SB1123-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SB1123-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1123-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1123-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1123-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1123 SOT-89
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
--2.4
--1.6
--1.2
--0.8
--0.4
--2.0
0
4
.
2
--
8
.
0
--
4
.
0
--
0
--2.0
--1.6
--1.2
IC -- VCE
IB=0
2SB1123
Pulse
--2mA
--8mA
--6mA
--4mA
--20mA
--10mA
--50mA
--1200
--800
--600
--400
--200
--1000
0
2
1
--
4
--
2
--
0
--10
--8
--6
IC -- VCE
IB=0
2SB1123
Pulse
--3mA
--2mA
--1mA
--7mA
--6mA
--5mA
--4mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
2
3
5
10
7
1000
2
3
5
7
100
2
3
5
--10
5
5
3
2
--100
2
3
7
7
--1000
2SB1123
VCE= --2V
Collector Current, IC -- mA
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--1200
--1000
--800
--600
--400
--200
0
IC -- VBE
2SB1123
VCE= --2V
Base-to-Emitter Voltage, VBE -- V
fT -- IC
2
3
5
10
7
1000
2
3
5
7
100
2
3
5
--10
2
3
5
--100
2
3
7
7
--1000
2SB1123
VCB=10V
Collector Current, IC -- mA
Cob -- VCB
0
1
--
0
.
1
--
7
3
5
100
7
5
10
2
2
2
7
3
5
--100
2
7
3
5
2SB1123
f=1MHz
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com