Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1189-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SB1189-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SB1189-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SB1189-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1189-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1189-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1189 SOT-89
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
0
−1.0
−0.8
−0.6
−0.4
−0.2
−10
−8
−6
−4
−2
0
Ta=25°C
IB= 0mA
−1mA
−2mA
−3mA
−4mA
−5mA
−6mA
−7mA
−8mA
−10mA
−9mA
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
−50
−10
−5
−2
−1
−0.5
−0.1
−0.2
−20
−1.4 −1.6
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0
Ta=25°C
VCE= −6V
COLLECTOR CURRENT : IC
(mA)
Fig.3 DC current gain vs. collector current
50
100
200
500
−200
−100
−20
−10
−1
−2
−5
−50
−500
Ta=25°C
VCE= −5V
−1V
−3V
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs.collector current
−0.2
−0.1
−0.05
−0.02
−0.01
−200
−100
−20
−10
−1
−5
−50
−500
IC/IB=20/1
IC/IB=10/1
Ta=25°C
EMITTER CURRENT : IE
(mA)
Fig.5 Gain bandwidth product vs. emitter current
500
200
20
50
100
10
5
0
5
0
2
2
Ta=25°C
VCE= −5V
COLLECTOR TO BASE VOLTAGE : VCE
(V)
Fig.6 Collector output capacitance
vs. collector-base voltage
−20
−10
10
20
50
100
−2
−1
−0.5
−5
IE=0A
Cob
f=1MHz
Ta=25°
C
EMITTER TO BASE VOLTAGE : VEB
(V)
Fig.7 Emitter input capacitance
vs. emitter-base voltage
−20
−10
10
20
50
100
−2
−1
−0.5
−5
IC=0A
Cib
f=1MHz
Ta=25°
C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.8 Safe operating area (2SB1189)
−1.0
−0.2
−0.1
−0.02
−0.01
−0.002
−0.005
−0.001
−0.05
−0.5
−100
−20
−10
−2
−1
−0.1 −0.2
−0.5
−5
−50
Ta=25°C
*
Single pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com