Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1386-R Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SB1386-R
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SB1386-R Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SB1386-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1386-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1386-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SB1386-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB1386 SOT-89
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
Fig.1 Grounded emitter propagation
characteristics
BASE TO EMITTER VOLTAGE : VBE
(V)
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
1m
2m
5m
10m
20m
200m
100m
50m
500m
-1
-2
-10
-5
VCE= 2V
25°C
25°C
Ta=100°C
Fig.2 Grounded emitter output
characteristics
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0
0.4
0.8
1.2
1.6
2.0
1
2
3
5
4
0
IB=0A
20mA
25mA
30mA
10mA
5mA
15mA
Ta=25°
C
50mA
45mA
40mA
35mA
Fig.4 DC current gain vs.
collector current ( )
COLLECTOR CURRENT : IC
(A)
VCE
1V
1m
5m 0.01
0.05
1 2
5 10
2m
100
200
500
1k
2k
5k
50
20
10
5
0.02
0.1
0.5
0.2
25°
C
25°
C
Ta=100°
C
Fig.5 DC current gain vs.
collector current ( )
COLLECTOR CURRENT : IC
(A)
1m
5m 0.01
0.05
1 2
5 10
2m
100
200
500
1k
2k
5k
50
20
10
5
0.02
0.1
0.5
0.2
25°
C
25°
C
Ta=100°
C
VCE
2V
Fig.6 Collector-emitter saturation
voltage vs. collector current ( )
IC/IB=50/1
/1
Ta=25°C
40/1
30/1
10/1
COLLECTOR CURRENT : IC
(A)
-1 -2 -5
10
0.0 -0.02
-0.1 -0.2 -0.5
-0.05
-2m -5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
5
Fig.7 Collector-emitter saturation
voltage vs. collector current ( )
Ta=100°C
25°C
lC/lB=10
25°C
COLLECTOR CURRENT : IC
(A)
1 2
5 10
0.01 0.02
0.1 0.2 0.5
0.05
2m 5m
-0.01
-2
-1
-0.5
-0.2
-0.1
-0.05
-0.02
-5
Fig.8 Collector-emitter saturation
voltage vs. collector current ( )
Ta=100°C
25°C
25°C
lC/lB=30
COLLECTOR CURRENT : IC
(A)
1 2
5 10
0.01 0.02
0.1 0.2 0.5
0.05
2m 5m
0.01
2
1
0.5
0.2
0.1
0.05
0.02
5
Fig.9 Collector-emitter saturation
voltage vs. collector current ( )
Ta=100°C
25°C
25°C
lC/lB=40
COLLECTOR CURRENT : IC
(A)
1 2
5 10
0.01 0.02
0.1 0.2 0.5
0.05
2m 5m
0.01
2
1
0.5
0.2
0.1
0.05
0.02
5
Fig.3 DC current gain vs.
collector current ( )
COLLECTOR CURRENT : IC
(A)
Ta=25°C
2V
VCE= 5V
1V
1m
5m 0.01
0.05
1 2
5 10
2m
100
200
500
1k
2k
5k
50
20
10
5
0.02
0.1
0.5
0.2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
- - - - - - -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
= -
-
-
-
-
-
- -
-
-
-
-
- -
-
- -
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
- -
-
-
- -
-
-
- -
-
-
-
-
-
-
-
-
-
-
-
-
- -
-
- -
-
- -
- -



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com