Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL1M-8FW-1-R3V Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # FL1M-8FW-1-R3V
Description  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

FL1M-8FW-1-R3V Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  FL1M-8FW-1-R3V Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Storage & Operating Temperature
Hardware Kit
RoHS Compliant
Dimensions (mm):
0
Lead color may vary
Length for reference only.
Viewing
Angle
Red
150°
Green
150°
Yellow
150°
Blue
150°
Rated Voltage 2 VAC/DC 3 VAC/DC 6 VAC/DC 12 VAC/DC 24 VAC/DC 48 VAC/DC 110 VAC/DC 220 VAC/DC 380 VAC/DC
Red
1.8-2.2V
2.7-3.3V
5.4-6.6V
10.8-13.2V 21.6-26.4V 43.2-52.8V
99-121V
198-242V
342-418V
Green
N/A
3-3.2V
5.4-6.6V
10.8-13.2V 21.6-26.4V 43.2-52.8V
99-121V
198-242V
342-418V
Blue
N/A
3.12-3.2V
5.4-6.6V
10.8-13.2V 21.6-26.4V 43.2-52.8V
99-121V
198-242V
342-418V
Yellow
2-2.2V
2.7-3.3V
5.4-6.6V
10.8-13.2V 21.6-26.4V 43.2-52.8V
99-121V
198-242V
342-418V
White
N/A
3-3.2V
5.4-6.6V
10.8-13.2V 21.6-26.4V 43.2-52.8V
99-121V
198-242V
342-418V
Soldering Conditions
Max 260°C (500°F) for 3 seconds
Panel Thickness
LM8-FSQ8-MHDP8
2000 - 3000 mcd
Dominant Wavelength
622 nm
522 nm
590 nm
Part Number:
Light Intensity
1000 -1500 mcd
8000 -10000 mcd
1000 -1500 mcd
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Weight (Typical)
Nickel-plated Brass, PA66, and Polycarbonate
Housing Material
Max Nut Torque
7.8 g
Termination Type
Wires
13 ft-lbs (18 Nm)
0.04-0.32” (1-8mm)
464 nm
Wire Specification
7.3” (185 mm) PVC AWG22
Specifications:
Mallory Sonalert Products,Inc.
FL1M-8FW-1
8mm Panel Light
Sales Outline Drawing
B
Lens Color
Red, Green, Blue, Yellow, or White
Same as LED
Panel Hole
Rated Voltage Available
8 mm
LED Color Available
See table below
Voltage Type
AC/DC
Ingress Protection Rating
LED Life
-20 °C to +85 °C
IP65
20 mA
Max Current Draw
70,000 hours


Similar Part No. - FL1M-8FW-1-R3V

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
FL1M-8FJ-2 MSPI-FL1M-8FJ-2 Datasheet
136Kb / 1P
Sales Outline Drawing
FL1M-8FJ-2-B110V MSPI-FL1M-8FJ-2-B110V Datasheet
136Kb / 1P
Sales Outline Drawing
FL1M-8FJ-2-B12V MSPI-FL1M-8FJ-2-B12V Datasheet
136Kb / 1P
Sales Outline Drawing
FL1M-8FJ-2-B220V MSPI-FL1M-8FJ-2-B220V Datasheet
136Kb / 1P
Sales Outline Drawing
FL1M-8FJ-2-B24V MSPI-FL1M-8FJ-2-B24V Datasheet
136Kb / 1P
Sales Outline Drawing
More results

Similar Description - FL1M-8FW-1-R3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com