Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WST3052 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST3052
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST3052 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST3052 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST3052 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
30
V
VGS
Gate-Sou
rce Voltage
±1
2
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 10V
1
2.5
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 10V
1
2.0
A
IDM
Pulsed Drain Current
2
13
A
PD@TA=25℃
Total Power Dissipation
3
0.7
W
PD@TA=70℃
Total Power Dissipation
3
0.45
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
180
℃
/W
RθJA
Thermal Resistance Junction-Ambient
1 (t ≤10s)
---
120
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
100
℃
/W
BVDSS
RDSON
ID
30V
60mΩ
2.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Power Management in Notebook Computer
Portable Equipment and Battery Powered
Systems.
Absolute Maximum Ratings
Thermal Data
SOT
-323 Pin Configuration
Product Summery
N-Ch MOSFET
Page 1
www.winsok.tw
Oct.2018
WST3052
The WST3052 is the highest performance
trench N-Ch MOSFET with extreme high cell
density , which provide excellent RDSON
and gate charge for most of the small power
switching and load switch applications.
The WST3052 meet the RoHS and Green
Product requirement with full function
reliability approved.


Similar Part No. - WST3052

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST3013 WIINSOK-WST3013 Datasheet
666Kb / 5P
P-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST3013 VBSEMI-WST3013 Datasheet
456Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST3032 WIINSOK-WST3032 Datasheet
544Kb / 5P
N-Ch MOSFET
WST3034 WIINSOK-WST3034 Datasheet
816Kb / 4P
N-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST3034 VBSEMI-WST3034 Datasheet
493Kb / 9P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - WST3052

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSC5N20 WIINSOK-WSC5N20 Datasheet
617Kb / 5P
N-Ch MOSFET
WSD45N10GKDN56 WIINSOK-WSD45N10GKDN56 Datasheet
2Mb / 6P
N-Ch MOSFET
WSD2050DN WIINSOK-WSD2050DN Datasheet
2Mb / 6P
N-Ch MOSFET
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
N-Ch MOSFET
WSF25N10 WIINSOK-WSF25N10 Datasheet
1Mb / 5P
N-Ch MOSFET
WSF40N10A WIINSOK-WSF40N10A Datasheet
1Mb / 6P
N-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com