Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1708C Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P1708C
Description  Low Power Notebook LCD Panel EMI Reduction IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P1708C Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P1708C Datasheet HTML 1Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 2Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 3Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 4Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 5Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 6Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 7Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 8Page - Alliance Semiconductor Corporation P1708C Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
June 2004
P1708C
rev 1.1
Low Power Notebook LCD Panel EMI Reduction IC
2 of 10
Notice: The information in this document is subject to change without notice.
SSON/SBM
1
2
3
4
5
6
7
8
P1708C
CLKIN
VDD
VSS
ModOUT
SR1
SR0
NC
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
Connect to externally generated clock signal. To put the part into standby
mode, disable the input clock signal to this pin and pull SSON/SBM (pin 5)
low. Refer Standby Mode Selection Table.
2
VDD
P
Connect to +3.3V.
3
VSS
P
Ground Connection. Connect to system ground.
4
ModOUT
O
Spread spectrum clock output.
5
SSON/SBM
I
Spread Spectrum On/Off and standby mode control. Refer Standby Mode
Selection Table. This pin has an internal pull-up resistor.
6
SR1
I
Digital logic input used to select Spreading Range. Refer Spread Spectrum
Selection Table. This pin has an internal pull-up resistor.
7
SR0
I
Digital logic input used to select Spreading Range. Refer Spread Spectrum
Selection Table. This pin has an internal pull-up resistor.
8
NC
-
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com