Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Linear input range (VFSR)
Maximum input range before clipping (VClipping)
64 mV
64 mV
50 mV
50 mV
0
VOUTP
VOUTN
Differential Input Voltage (VINP ± VINN)
Common mode output voltage
(VCMout)
±
±
Clipping output voltage
(VCLIPout)
Figure 7-3. AMC3302 Output Behavior
7.3.4 Isolated DC/DC Converter
The AMC3302 offers a fully integrated isolated DC/DC converter stage that includes following components
illustrated in Section 7.2:
• Low-dropout regulator (LDO) on the primary side to stabilize the supply voltage VDD that drives the primary
side of the converter
• Primary full-bridge inverter and drivers
• Laminate-based, air-core transformer for high immunity to magnetic fields
• Secondary full-bridge rectifier
• Secondary LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of the
electromagnetic radiation. The resonator frequency is synchronized to the operation of the ΔΣ modulator to
minimize the interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3302 and can
source up to IH of additional DC current for an optional auxiliary circuit such as an active filter, pre-amplifier or
comparator. IH is specified in the Electrical Characteristics table in Section 6 as a DC, non-switching current.
7.3.5 Diagnostic Output
The open-drain DIAG pin can be monitored to confirm the device is operational and the output voltage is valid.
During power-up, the DIAG pin is actively held low until the high-side supply is in regulation and the device
operates properly. During normal operation, the DIAG pin is in high-impedance (HiZ) state and is pulled high
through an external pullup resistor. The DIAG pin is actively pulled low if:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the high
side). In this case, the amplifier outputs are driven to negative full scale.
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out). In this case, the low-side may still
receive data from the high-side but the data may not be valid. The amplifier outputs are driven to negative
full-scale.
During normal operation, the DIAG pin is in a high-impedance state. Connect the DIAG pin to a pullup supply
through a resistor or leave open if not used.
7.4 Device Functional Modes
The AMC3302 is operational when the power supply VDD is applied, as specified in the Recommended
Operating Conditions table in Section 6.
www.ti.com
AMC3302
SBASA11 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com