Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z561-R2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R2
Description  BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27Z561-R2 Datasheet(HTML) 2 Page - Texas Instruments

  BQ27Z561-R2 Datasheet HTML 1Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (cont.)...........................................................3
6 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Supply Current............................................................ 5
7.6 Internal 1.8-V LDO (REG18).......................................5
7.7 I/O (CE, PULS, INT)....................................................5
7.8 Internal Temperature Sensor...................................... 5
7.9 NTC Thermistor Measurement Support......................5
7.10 Coulomb Counter (CC)............................................. 6
7.11 Analog Digital Converter (ADC)................................ 6
7.12 Internal Oscillator Specifications...............................6
7.13 Voltage Reference1 (REF1)......................................7
7.14 Voltage Reference2 (REF2)......................................7
7.15 Flash Memory........................................................... 7
7.16 I2C I/O....................................................................... 7
7.17 I2C Timing — 100 kHz.............................................. 7
7.18 I2C Timing — 400 kHz.............................................. 8
7.19 HDQ Timing.............................................................. 8
7.20 Typical Characteristics............................................ 10
8 Detailed Description...................................................... 11
8.1 Overview................................................................... 11
8.2 Functional Block Diagram......................................... 11
8.3 Feature Description...................................................11
8.4 Device Functional Modes..........................................13
9 Applications and Implementation................................ 15
9.1 Application Information............................................. 15
9.2 Typical Applications.................................................. 15
10 Power Supply Recommendations..............................17
11 Layout........................................................................... 18
11.1 Layout Guidelines................................................... 18
11.2 Layout Example...................................................... 19
12 Device and Documentation Support..........................20
12.1 Documentation Support.......................................... 20
12.2 Receiving Notification of Documentation Updates..20
12.3 Support Resources................................................. 20
12.4 Trademarks.............................................................20
12.5 Electrostatic Discharge Caution..............................20
12.6 Glossary..................................................................20
13 Mechanical Information.............................................. 20
4 Revision History
Date
Revision
Notes
September 2020
*
Initial Release
BQ27Z561-R2
SLUSE22 – SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com