Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1816-5/T Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM1816-5/T
Description  Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1816-5/T Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  ASM1816-5/T Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1816-5/T Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
Notice: The information in this document is subject to change without notice
Low Power 3.3V/3.0V µP Reset
ASM1816
rev 1.4
February 2005
Package Dimension
Plastic SOT-23 (3-Pin)
Inches
Millimeters
Min
Max
Min
Max
Plastic SOT-23 (3-Pin)
A
0.030
0.046
0.75
1.17
A1
0.002
0.006
0.05
0.15
B
0.012
0.020
0.30
0.50
C
0.003
0.008
0.08
0.20
D
0.110
0.120
2.80
3.04
E
0.047
0.055
1.20
1.40
e
0.037 BSC
0.95 BSC
e1
0.075 BSC
1.9 BSC
H
0.083
0.104
2.10
2.64
L
0.016
0.024
0.40
0.60
a
0
o
8
o
0
o
8
o
SNA
NA
B
E
H
S
e
D
A
A1
e1
C
L
a



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com